Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-943MM Datasheet (PDF) - Murata Power Solutions Inc.

ADS-943MM Datasheet PDF - Murata Power Solutions Inc.
Part # ADS-943MM
Download  ADS-943MM Download

File Size   168.78 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 3MHz, Low-Distortion Sampling A/D Converters

ADS-943MM Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-943MM Datasheet PDF - Murata Power Solutions Inc.

Part # ADS-943MM
Download  ADS-943MM Click to download

File Size   168.78 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 3MHz, Low-Distortion Sampling A/D Converters

ADS-943MM Datasheet (HTML) - Murata Power Solutions Inc.

ADS-943MM Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-943MM Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-943MM Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-943MM Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-943MM Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-943MM Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-943MM Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-943MM Datasheet HTML 8Page - Murata Power Solutions Inc.

ADS-943MM Product details

GENERAL DESCRIPTION
The low-cost ADS-943 is a 14-bit, 3MHz sampling A/D converter optimized to meet the demanding dynamic-range and sampling-rate requirements of contemporary digital telecommunications applications. The ADS-943s outstanding dynamic performance is evidenced by a peak harmonic specification of –83dB and a signal-to-noise ratio (SNR) of 79dB. Additionally, the ADS-943 easily achieves the 2.2MHz minimum sampling rate required by digital receivers in certain ADSL, HDSL and ATM applications. The ADS-943 also addresses size and power constraints normally associated with these types of applications. This device requires just ±5V supplies, dissipates 1.7 Watts, and is packaged in a very small 24-pin DDIP.

FEATURES
• 14-bit resolution
• 3MHz minimum sampling rate
• Ideal for both frequency and time-domain applications
• Excellent peak harmonics, –83dB
• Excellent signal-to-noise ratio, 79dB
• No missing codes over full military temperature range
• ±5V supplies, 1.7 Watts
• Small, 24-pin ceramic DDIP or SMT
• Low cost




Similar Part No. - ADS-943MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-943MM ETC-ADS-943MM Datasheet
166Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-943MM DATEL-ADS-943MM Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-943MM-C DATEL-ADS-943MM-C Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-943MM-QL DATEL-ADS-943MM-QL Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943MM-QL-C DATEL-ADS-943MM-QL-C Datasheet
106Kb / 1P
   Sampling A/D Converters
More results


Similar Description - ADS-943MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-943 ETC-ADS-943 Datasheet
166Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
List of Unclassifed Man...
ADS953 ETC-ADS953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com