Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8304P Datasheet (PDF) - American Zettler, Inc.

AZ8304P Datasheet PDF - American Zettler, Inc.
Part # AZ8304P
Download  AZ8304P Download

File Size   69.81 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 4 POLE POLARIZED MINIATURE DIP RELAY

AZ8304P Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ8304P Datasheet PDF - American Zettler, Inc.

Part # AZ8304P
Download  AZ8304P Click to download

File Size   69.81 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 4 POLE POLARIZED MINIATURE DIP RELAY

AZ8304P Datasheet (HTML) - American Zettler, Inc.

AZ8304P Datasheet HTML 1Page - American Zettler, Inc. AZ8304P Datasheet HTML 2Page - American Zettler, Inc.

AZ8304P Product details

FEATURES

• Single side stable and two coil bistable versions

• High sensitivity, 90 mW pickup

• Low profile DIP package

• DC coils to 48 VDC

• Life expectancy to 100 million operations

• Meets FCC Part 68.302 1500 V lightning surge

• Meets FCC Part 68.304 1000 V dielectric

• Epoxy sealed for automatic wave soldering and cleaning

• UL file E43203; CSA file 73363




Similar Part No. - AZ8304P

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830 Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ830 AZETTLER-AZ830 Datasheet
92Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830-2C-12DE ZETTLER-AZ830-2C-12DE Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ830-2C-12DE AZETTLER-AZ830-2C-12DE Datasheet
92Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results


Similar Description - AZ8304P

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com