Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2030PT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

2SA2030PT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # 2SA2030PT
Download  2SA2030PT Download

File Size   119.12 Kbytes
Page   3 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description Low Ferquency PNP Transistor

2SA2030PT Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2030PT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # 2SA2030PT
Download  2SA2030PT Click to download

File Size   119.12 Kbytes
Page   3 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description Low Ferquency PNP Transistor

2SA2030PT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

2SA2030PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SA2030PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SA2030PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.

2SA2030PT Product details

VOLTAGE 12 Volts CURRENT 0.5 Ampere

FEATURE
* Small surface mounting type. (SOT-723)
* A collector current is large.
* Collector saturation voltage is low.
   At Ic=200mA/IB=10mA
   VCE(sat)<=250mA

APPLICATION
* For switching,for muting.




Similar Part No. - 2SA2030PT

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2030 ROHM-2SA2030 Datasheet
80Kb / 3P
   Low frequency transistor
2SA2030 ROHM-2SA2030 Datasheet
145Kb / 3P
   Low frequency transistor
2SA2030 ROHM-2SA2030 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
2SA2030 ROHM-2SA2030_15 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
More results


Similar Description - 2SA2030PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
2SA2119TPT CHENMKO-2SA2119TPT Datasheet
220Kb / 3P
   Low Ferquency PNP Transistor
2SA2119PT CHENMKO-2SA2119PT Datasheet
102Kb / 3P
   Low Ferquency PNP Transistor
2SC5663PT CHENMKO-2SC5663PT Datasheet
155Kb / 3P
   Low Ferquency NPN Transistor
2SC5663TPT CHENMKO-2SC5663TPT Datasheet
573Kb / 3P
   Low Ferquency NPN Transistor
logo
Isahaya Electronics Cor...
2SA1989 ISAHAYA-2SA1989_10 Datasheet
378Kb / 4P
   FORLOW FERQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Fairchild Semiconductor
ZTX749A FAIRCHILD-ZTX749A Datasheet
40Kb / 3P
   PNP Low Saturation Transistor
logo
STMicroelectronics
BCP53-16 STMICROELECTRONICS-BCP53-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
logo
Unisonic Technologies
2SB1198 UTC-2SB1198_11 Datasheet
249Kb / 4P
   LOW FREQUENCY PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
TSB1386 TSC-TSB1386 Datasheet
116Kb / 4P
   Low Frequency PNP Transistor
logo
STMicroelectronics
BCP52-16 STMICROELECTRONICS-BCP52-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com