Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C9V1PT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

BZX85C9V1PT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # BZX85C9V1PT
Download  BZX85C9V1PT Download

File Size   139.58 Kbytes
Page   4 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V

BZX85C9V1PT Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX85C9V1PT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # BZX85C9V1PT
Download  BZX85C9V1PT Click to download

File Size   139.58 Kbytes
Page   4 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V

BZX85C9V1PT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

BZX85C9V1PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. BZX85C9V1PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. BZX85C9V1PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. BZX85C9V1PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.

BZX85C9V1PT Product details

FEATURE

* High temperature soldering type.

* ESD rating of class 3(>16 kV) per human body model.

* Silicon planar zener diodes.

* Silcon-oxide passivated junction.

* Low temperature coefficient voltage



MECHANICAL

* Axial-lead hermetically sealed package.

* DO-41 Packaging.

* Cathode indicated by polarity band.

* Mounting position: Any.

* Weight: Approx. 0.35g.




Similar Part No. - BZX85C9V1PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C9V1 VISHAY-BZX85C9V1 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C9V1 RECTRON-BZX85C9V1 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Continental Device Indi...
BZX85C9V1 CDIL-BZX85C9V1 Datasheet
108Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C9V1 FAIRCHILD-BZX85C9V1 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C9V1 TSC-BZX85C9V1 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results


Similar Description - BZX85C9V1PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
BZX55C0V8PT CHENMKO-BZX55C0V8PT Datasheet
172Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 0.8V TO 200V
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
1N4728PT CHENMKO-1N4728PT Datasheet
122Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com