Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-1C-03 Datasheet (PDF) - RSG Electronic Components GmbH

CX-1C-03 Datasheet PDF - RSG Electronic Components GmbH
Part # CX-1C-03
Download  CX-1C-03 Download

File Size   57.29 Kbytes
Page   2 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 530 kHz to 2.1 MHz Miniature Quartz Crystal

CX-1C-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX-1C-03 Datasheet PDF - RSG Electronic Components GmbH

Part # CX-1C-03
Download  CX-1C-03 Click to download

File Size   57.29 Kbytes
Page   2 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 530 kHz to 2.1 MHz Miniature Quartz Crystal

CX-1C-03 Datasheet (HTML) - RSG Electronic Components GmbH

CX-1C-03 Datasheet HTML 1Page - RSG Electronic Components GmbH CX-1C-03 Datasheet HTML 2Page - RSG Electronic Components GmbH



Similar Part No. - CX-1C-03

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX-1C-03 RSG-CX-1C-03 Datasheet
83Kb / 2P
   8 MHz to 160 MHz Miniature AT-Cut Quartz Crystal
logo
EUROQUARTZ limited
CX-1C-031.0 EUROQUARTZ-CX-1C-031.0 Datasheet
108Kb / 2P
   CX MINIATURE CRYSTALS
CX-1C-031.0A EUROQUARTZ-CX-1C-031.0A Datasheet
108Kb / 2P
   CX MINIATURE CRYSTALS
CX-1C-031.0B EUROQUARTZ-CX-1C-031.0B Datasheet
108Kb / 2P
   CX MINIATURE CRYSTALS
CX-1C-031.0C EUROQUARTZ-CX-1C-031.0C Datasheet
108Kb / 2P
   CX MINIATURE CRYSTALS
More results


Similar Description - CX-1C-03

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX1SM RSG-CX1SM Datasheet
480Kb / 2P
   530 kHz to 2.1 MHz Low Profile, Miniature Surface Mount Quartz Crystal
CX2SM RSG-CX2SM Datasheet
484Kb / 2P
   760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
CX3SM RSG-CX3SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
   order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
MICORO CRYSTAL SWITZERL...
CC1V-T1A MICROCRYSTAL-CC1V-T1A Datasheet
180Kb / 2P
   Tuning Fork Crystal 10 kHz - 2.1 MHz
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com