Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8579H/1 Datasheet (PDF) - NXP Semiconductors

PCF8579H/1 Datasheet PDF - NXP Semiconductors
Part # PCF8579H/1
Download  PCF8579H/1 Download
File Size   260.04 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD column driver for dot matrix graphic displays

PCF8579H/1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8579H/1 Datasheet PDF - NXP Semiconductors

Part # PCF8579H/1
Download  PCF8579H/1 Click to download

File Size   260.04 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD column driver for dot matrix graphic displays

PCF8579H/1 Datasheet (HTML) - NXP Semiconductors


PCF8579H/1 Product details

General description
The PCF8579 is a low power CMOS1 LCD column driver, designed to drive dot matrix graphic displays at multiplex rates of 1:8, 1:16, 1:24 or 1:32. The device has 40 outputs and can drive 32 × 40 dots in a 32 row multiplexed LCD. Up to 16 PCF8579s can be cascaded and up to 32 devices may be used on the same I2C-bus (using the two slave addresses). The device is optimized for use with the PCF8578 LCD row/column driver.

Features
■ LCD column driver
■ Used in conjunction with the PCF8578, this device forms part of a chip set capable of driving up to 40960 dots
■ 40 column outputs
■ Selectable multiplex rates; 1:8, 1:16, 1:24 or 1:32
■ Externally selectable bias configuration, 5 or 6 levels
■ Easily cascadable for large applications (up to 32 devices)
■ 1280-bit RAM for display data storage
■ Display memory bank switching
■ Auto-incremented data loading across hardware subaddress boundaries (with PCF8578)
■ Power-On Reset (POR) blanks display
■ Logic voltage supply range 2.5 V to 6 V
■ Maximum LCD supply voltage 9 V
■ Low power consumption
■ I2C-bus interface
■ Compatible with most microcontrollers
■ Optimized pinning for single plane wiring in multiple device applications (with PCF8578)
■ Space saving 56-lead small outline package and 64-pin quad flat pack

Applications
■ Automotive information systems
■ Telecommunication systems
■ Point-of-sale terminals
■ Industrial computer terminals
■ Instrumentation




Similar Part No. - PCF8579H/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8579H PHILIPS-PCF8579H Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
More results


Similar Description - PCF8579H/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Toshiba Semiconductor
T6B07 TOSHIBA-T6B07 Datasheet
438Kb / 10P
COLUMN DRIVER FOR A DOT MATRIX LCD
T7932 TOSHIBA-T7932 Datasheet
887Kb / 20P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K14 TOSHIBA-T6K14 Datasheet
593Kb / 45P
COLUMN AND ROW DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K01 TOSHIBA-T6K01 Datasheet
238Kb / 13P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K41 TOSHIBA-T6K41 Datasheet
398Kb / 44P
Column and Row Driver LSI for a Dot Matrix Graphic LCD
T6B65AFG TOSHIBA-T6B65AFG Datasheet
472Kb / 15P
Column Driver LSI for Dot Matrix Graphic LCD?셲
logo
NXP Semiconductors
PCF8578 NXP-PCF8578 Datasheet
284Kb / 46P
LCD row/column driver for dot matrix graphic displays
Rev. 06-5 May 2009
PCF8578 PHILIPS-PCF8578_03 Datasheet
261Kb / 48P
LCD row/column driver for dot matrix graphic displays
2003 Apr 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com