Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3601EMSE Datasheet (PDF) - Linear Technology

LTC3601EMSE Datasheet PDF - Linear Technology
Part # LTC3601EMSE
Download  LTC3601EMSE Download

File Size   330.01 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 15V Monolithic Synchronous Step-Down Regulator

LTC3601EMSE Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3601EMSE Datasheet PDF - Linear Technology

Part # LTC3601EMSE
Download  LTC3601EMSE Click to download

File Size   330.01 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.5A, 15V Monolithic Synchronous Step-Down Regulator

LTC3601EMSE Datasheet (HTML) - Linear Technology

Back Button LTC3601EMSE Datasheet HTML 1Page - Linear Technology LTC3601EMSE Datasheet HTML 2Page - Linear Technology LTC3601EMSE Datasheet HTML 3Page - Linear Technology LTC3601EMSE Datasheet HTML 4Page - Linear Technology LTC3601EMSE Datasheet HTML 5Page - Linear Technology LTC3601EMSE Datasheet HTML 6Page - Linear Technology LTC3601EMSE Datasheet HTML 7Page - Linear Technology LTC3601EMSE Datasheet HTML 8Page - Linear Technology LTC3601EMSE Datasheet HTML 9Page - Linear Technology LTC3601EMSE Datasheet HTML 10Page - Linear Technology Next Button 



Similar Part No. - LTC3601EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3601 LINER-LTC3601 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Analog Devices
LTC3601 AD-LTC3601 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Similar Description - LTC3601EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com