| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9206
|
179Kb / 12P |
10-Bit Bus LVDS Deserializers
Rev 0; 8/01 |
|
MAX9218
|
273Kb / 16P |
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05 |
|
MAX9217
|
222Kb / 16P |
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05 |
|
MAX9247
|
324Kb / 17P |
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06 |
|
MAX9234
|
187Kb / 15P |
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07 |
|
MAX9247
|
186Kb / 17P |
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09 |
|
MAX9247
|
223Kb / 17P |
27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12 |
|
MAX9234
|
207Kb / 15P |
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12 |
|
MAX9248
|
211Kb / 20P |
27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14 |
|
MAX9217
|
172Kb / 15P |
27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09 |