Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS56-0006 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

DS56-0006 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # DS56-0006
Download  DS56-0006 Download

File Size   95.51 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz

DS56-0006 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS56-0006 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # DS56-0006
Download  DS56-0006 Click to download

File Size   95.51 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz

DS56-0006 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

DS56-0006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS56-0006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. DS56-0006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. DS56-0006 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.

DS56-0006 Product details

Description

M/A-COM’s DS56-0006 is an IC-based monolithic power splitter/combiner in a low cost SOIC-16 plastic package. This 6-way power divider is ideally suited for applications where PCB real estate is at a premium and standard packaging for automated assembly and low cost are critical. Typical applications include base stations, portables, and peripheral devices (PCMCIA cards) for wireless standards such as PCS, PCN, DECT, PHS, and DCS-1800. Available in Tape and Reel.

The DS56-0006 is fabricated using passive integrated circuit process. This process features full chip passivation for increased performance and reliability.



Features

• Small Size, Low Profile

• Superior Repeatability (Lot-to-Lot Variation)

• Typical Isolation 25 dB

• Typical Insertion Loss 1.0 dB

• Low Cost

• SOIC-16 Package



 




Similar Part No. - DS56-0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
DS56-0006-RTR MACOM-DS56-0006-RTR Datasheet
75Kb / 2P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
DS56-0006-TR MACOM-DS56-0006-TR Datasheet
75Kb / 2P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
More results


Similar Description - DS56-0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
   Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
   Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0017 MA-COM-MAPDCC0017 Datasheet
88Kb / 3P
   Low Cost Six-Way SMT Power Divider
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
   Low Cost Six-Way SMT Power Divider
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com