Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA7527 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA7527 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA7527
Download  SA7527 Download

File Size   263.19 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING

SA7527 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA7527 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA7527
Download  SA7527 Click to download

File Size   263.19 Kbytes
Page   8 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING

SA7527 Datasheet (HTML) - Silan Microelectronics Joint-stock

SA7527 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7527 Datasheet HTML 8Page - Silan Microelectronics Joint-stock

SA7527 Product details

POWER FACTOR CORRECTION CONTROLLER OF CRITICAL DUCTING



DESCRIPTION

The  SA7527  provides  simple  and  high  performance active  power factor  correction. The  SA7527 is  optimized for  electronic  ballasts  and low  power  and  high-density  power  supplies  which  require minimum board  size,  reduced external  components  and  low power  dissipation.

Because  the R/C  filter  is  included  in  the  current  sense  block,  the external  R/C  filter  is  not  necessary.  Special  circuitry  has  also  been added to prevent no load runaway conditions. Regardless of the supply voltage,  the  output  drive  clamping  circuit  limits the  overshoot  of  the power MOSFET gate drive. It greatly enhances the system reliability.



FEATURES

* Internal start-up timer

* Internal R/C filter eliminates the need for an external R/C filter

* Very precise adjustable output over voltage protection

* Zero current detector

* One quadrant multiplier

* Trimmed 1.5% internal band gap reference

* Under voltage lockout with 3V of hysteresis

* Totem pole output with high state clamp

* Low start-up and operating current

* 8-pin DIP or 8-pin SOP



APPLICATIONS

* Electronic ballast

* SMPS




Similar Part No. - SA7527

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SA75 CHONGQING-SA75 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA75 PANJIT-SA75 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA75 FCI-SA75 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA75 TSC-SA75 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA75 YANGJIE-SA75 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results


Similar Description - SA7527

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com