Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFR-000291-000001 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAFR-000291-000001 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAFR-000291-000001
Download  MAFR-000291-000001 Download

File Size   95.08 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Single Junction SMT Circulator 2010 MHz-2025 MHz

MAFR-000291-000001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFR-000291-000001 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAFR-000291-000001
Download  MAFR-000291-000001 Click to download

File Size   95.08 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Single Junction SMT Circulator 2010 MHz-2025 MHz

MAFR-000291-000001 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MAFR-000291-000001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFR-000291-000001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAFR-000291-000001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000200-5S4C1T MA-COM-MAFR-000200-5S4C1T Datasheet
70Kb / 1P
   Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
MAFR-000226-000001 MA-COM-MAFR-000226-000001 Datasheet
85Kb / 2P
   Circulator 2500 - 2700 MHz
MAFR-000229-000001 MA-COM-MAFR-000229-000001 Datasheet
70Kb / 1P
   Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
MAFR-000230-000001 MA-COM-MAFR-000230-000001 Datasheet
62Kb / 2P
   Circulator 2300-2500 MHz
MAFR-000231-000001 MA-COM-MAFR-000231-000001 Datasheet
72Kb / 1P
   Single Junction Drop-In Circulator 3.3 GHz-3.4 GHz
More results


Similar Description - MAFR-000291-000001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000164-4S3C1T MA-COM-MAFR-000164-4S3C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2010 MHz-2025 MHz
logo
WALSIN TECHNOLOGY CORPO...
SF11092017B3403T WALSIN-SF11092017B3403T Datasheet
639Kb / 8P
   2010~2025 MHz Band Working Frequency
SF14112017B3402T WALSIN-SF14112017B3402T Datasheet
592Kb / 8P
   2010 ~ 2025 MHz Band Working Frequency
RFLPF10051G8D6T WALSIN-RFLPF10051G8D6T Datasheet
616Kb / 7P
   2010~2025 MHz LTE Band Working Frequency
logo
M/A-COM Technology Solu...
MAFR-000072-DS1C1R MA-COM-MAFR-000072-DS1C1R Datasheet
94Kb / 2P
   Single Junction Robust Lead Circulator 1805 MHz-1880 MHz
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFR-000428-000001 MA-COM-MAFR-000428-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFRIN0497 MA-COM-MAFRIN0497 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
Tyco Electronics
MAFRIN0494 MACOM-MAFRIN0494 Datasheet
371Kb / 3P
   Single Junction Gull Wing Circulator 860 MHz-960 MHz
MAFRIN0496 MACOM-MAFRIN0496 Datasheet
132Kb / 3P
   Single Junction Gull Wing Circulator 950 MHz-956 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com