Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA8018N2810 Datasheet (PDF) - American Accurate Components, Inc.

CA8018N2810 Datasheet PDF - American Accurate Components, Inc.
Part # CA8018N2810
Download  CA8018N2810 Download

File Size   150.69 Kbytes
Page   3 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Broadband Small Signal Amplifier 0.5 to 18GHz

CA8018N2810 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA8018N2810 Datasheet PDF - American Accurate Components, Inc.

Part # CA8018N2810
Download  CA8018N2810 Click to download

File Size   150.69 Kbytes
Page   3 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Broadband Small Signal Amplifier 0.5 to 18GHz

CA8018N2810 Datasheet (HTML) - American Accurate Components, Inc.

CA8018N2810 Datasheet HTML 1Page - American Accurate Components, Inc. CA8018N2810 Datasheet HTML 2Page - American Accurate Components, Inc. CA8018N2810 Datasheet HTML 3Page - American Accurate Components, Inc.

CA8018N2810 Product details

Broadband Small Signal Amplifiers 0.5 to 18GHz
   
Notes:
1. Operating Temperature : -55 °C to +85 °C. Storage Temperature : -60 °C to +90 °C.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in st°Ck; such as 08,10,46,55 and so on,
    special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal
    of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW
    and 1% duty cycle.
6. Custom Designs Available
   




Similar Part No. - CA8018N2810

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CA8018N2820 AAC-CA8018N2820 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
More results


Similar Description - CA8018N2810

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com