Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4018T-104E/LT Datasheet (PDF) - Microchip Technology

MCP4018T-104E/LT Datasheet PDF - Microchip Technology
Part # MCP4018T-104E/LT
Download  MCP4018T-104E/LT Download

File Size   2827.79 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7-Bit Single I2C??Digital POT with Volatile Memory in SC70

MCP4018T-104E/LT Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP4018T-104E/LT Datasheet PDF - Microchip Technology

Part # MCP4018T-104E/LT
Download  MCP4018T-104E/LT Click to download

File Size   2827.79 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7-Bit Single I2C??Digital POT with Volatile Memory in SC70

MCP4018T-104E/LT Datasheet (HTML) - Microchip Technology

Back Button MCP4018T-104E/LT Datasheet HTML 1Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 2Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 3Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 4Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 5Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 6Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 7Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 8Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 9Page - Microchip Technology MCP4018T-104E/LT Datasheet HTML 10Page - Microchip Technology Next Button 

MCP4018T-104E/LT Product details

7-Bit Single I²C™ Digital POT with Volatile Memory in SC70

Features
• Potentiometer or Rheostatconfiguration options
• 7-bit: Resistor Network Resolution
  - 127 Resistors (128 Steps)
• Zero Scale to Full Scale Wiper operation
• RABResistances: 5 kΩ, 10 kΩ, 50 kΩ,or 100 kΩ
• Low Wiper Resistance: 100Ω(typical)
• Low Tempco:
  - Absolute (Rheostat): 50 ppm typical (0°C to 70°C)
  - Ratiometric (Potentiometer): 10 ppm typical
• Simple I2C Protocol with read & write commands
• Brown-out reset protection (1.5V typical)
• Power-on Default Wiper Setting (Mid-scale)
• Low-Power Operation:
  - 2.5 µA Static Current (typical)
• Wide Operating Voltage Range:
  - 2.7V to 5.5V - Device Characteristics Specified
  - 1.8V to 5.5V - Device Operation
• Wide Bandwidth (-3 dB) Operation:
  - 2 MHz (typical) for 5.0 kΩdevice
• Extended temperature range (-40°C to +125°C)
• Very small package (SC70)
• Lead free (Pb-free) package




Similar Part No. - MCP4018T-104E/LT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4011 MICROCHIP-MCP4011 Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/CH MICROCHIP-MCP4011-103E/CH Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MC MICROCHIP-MCP4011-103E/MC Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MS MICROCHIP-MCP4011-103E/MS Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/OT MICROCHIP-MCP4011-103E/OT Datasheet
3Mb / 60P
   Low-Cost 64-Step Volatile Digital POT
2006
More results


Similar Description - MCP4018T-104E/LT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP40D17 MICROCHIP-MCP40D17 Datasheet
2Mb / 66P
   7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
2009
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
   7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
   7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
   7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP414X MICROCHIP-MCP414X Datasheet
2Mb / 88P
   7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
2008
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
   7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
   7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com