Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2398 Datasheet (PDF) - Toshiba Semiconductor

2SK2398 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2398
Download  2SK2398 Download

File Size   290.45 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2398 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2398 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2398
Download  2SK2398 Click to download

File Size   290.45 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK2398 Datasheet (HTML) - Toshiba Semiconductor

2SK2398 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 5Page - Toshiba Semiconductor

2SK2398 Product details

DC−DC Converter and Motor Drive Applications

● Low drain−source ON-resistance : RDS (ON) = 22 mΩ (typ.)
● High forward transfer admittance : |Yfs| = 27 S (typ.)
● Low leakage current : IDSS = 100 μA (max) (VDS = 60 V)
● Enhancement mode : Vth = 1.5 to 3.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK2398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2398 TOSHIBA-2SK2398 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2398 TOSHIBA-2SK2398 Datasheet
454Kb / 6P
   DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2398 ISC-2SK2398 Datasheet
60Kb / 2P
   Fast Switching Speed
logo
Toshiba Semiconductor
2SK2398 TOSHIBA-2SK2398 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2398 TOSHIBA-2SK2398_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
More results


Similar Description - 2SK2398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2601 TOSHIBA-2SK2601 Datasheet
288Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2698 TOSHIBA-2SK2698 Datasheet
290Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2611 TOSHIBA-2SK2611 Datasheet
287Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2968 TOSHIBA-2SK2968 Datasheet
289Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2991 TOSHIBA-2SK2991 Datasheet
296Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2986 TOSHIBA-2SK2986 Datasheet
298Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2916 TOSHIBA-2SK2916 Datasheet
294Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2985 TOSHIBA-2SK2985 Datasheet
293Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com