Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB54R1G9F2-B75B Datasheet (PDF) - Elpida Memory

HB54R1G9F2-B75B Datasheet PDF - Elpida Memory
Part # HB54R1G9F2-B75B
Download  HB54R1G9F2-B75B Download

File Size   182.44 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 1GB Registered DDR SDRAM DIMM

HB54R1G9F2-B75B Datasheet (PDF)

Go To PDF Page Download Datasheet
HB54R1G9F2-B75B Datasheet PDF - Elpida Memory

Part # HB54R1G9F2-B75B
Download  HB54R1G9F2-B75B Click to download

File Size   182.44 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 1GB Registered DDR SDRAM DIMM

HB54R1G9F2-B75B Datasheet (HTML) - Elpida Memory

Back Button HB54R1G9F2-B75B Datasheet HTML 1Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 2Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 3Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 4Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 5Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 6Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 7Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 8Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 9Page - Elpida Memory HB54R1G9F2-B75B Datasheet HTML 10Page - Elpida Memory Next Button 

HB54R1G9F2-B75B Product details

Description
The HB54R1G9F2 is a 128M × 72 × 2 bank Double Data Rate (DDR) SDRAM Module, mounted 36 pieces of 256Mbits DDR SDRAM (HM5425401BTB) sealed in TCP package, 1 piece of PLL clock driver, 2 pieces of register driver and 1 piece of serial EEPROM (2k bits EEPROM) for Presence Detect (PD).

Features
• 184-pin socket type package (dual lead out)
    - Outline: 133.35mm (Length) × 43.18mm (Height) × 4.80mm (Thickness)
    - Lead pitch: 1.27mm
• 2.5V power supply (VCC/VCCQ)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 143MHz/133MHz/125MHz (max.)
• Data inputs and outputs are synchronized with DQS
• 4 banks can operate simultaneously and independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
    - Burst read stop capability
• Programmable burst sequence
    - Sequential
    - Interleave
• Start addressing capability
    - Even and Odd
• Programmable /CAS latency (CL): 3, 3.5
• 8192 refresh cycles: 7.8µs (8192/64ms)
• 2 variations of refresh
    - Auto refresh
    - Self refresh




Similar Part No. - HB54R1G9F2-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54R1G9F2-B75B ELPIDA-HB54R1G9F2-B75B Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
More results


Similar Description - HB54R1G9F2-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11RD8ADFA ELPIDA-EBD11RD8ADFA Datasheet
166Kb / 19P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2 ELPIDA-HB54R1G9F2 Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD10RD4ABFA ELPIDA-EBD10RD4ABFA Datasheet
197Kb / 19P
   1GB Registered DDR SDRAM DIMM
EBD10RD4ABFB ELPIDA-EBD10RD4ABFB Datasheet
189Kb / 18P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2U-B75B ELPIDA-HB54R1G9F2U-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2U ELPIDA-HB54R1G9F2U Datasheet
159Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD11RD8ABFA ELPIDA-EBD11RD8ABFA Datasheet
197Kb / 19P
   1GB Registered DDR SDRAM DIMM
logo
List of Unclassifed Man...
SDR12872D1B62MT-50R ETC2-SDR12872D1B62MT-50R Datasheet
810Kb / 13P
   1GB DDR ??SDRAM registered DIMM
logo
Elpida Memory
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com