Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-45V32AD642 Datasheet (PDF) - Elpida Memory

MC-45V32AD642 Datasheet PDF - Elpida Memory
Part # MC-45V32AD642
Download  MC-45V32AD642 Download

File Size   162.74 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-45V32AD642 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-45V32AD642 Datasheet PDF - Elpida Memory

Part # MC-45V32AD642
Download  MC-45V32AD642 Click to download

File Size   162.74 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-45V32AD642 Datasheet (HTML) - Elpida Memory

Back Button MC-45V32AD642 Datasheet HTML 1Page - Elpida Memory MC-45V32AD642 Datasheet HTML 2Page - Elpida Memory MC-45V32AD642 Datasheet HTML 3Page - Elpida Memory MC-45V32AD642 Datasheet HTML 4Page - Elpida Memory MC-45V32AD642 Datasheet HTML 5Page - Elpida Memory MC-45V32AD642 Datasheet HTML 6Page - Elpida Memory MC-45V32AD642 Datasheet HTML 7Page - Elpida Memory MC-45V32AD642 Datasheet HTML 8Page - Elpida Memory MC-45V32AD642 Datasheet HTML 9Page - Elpida Memory MC-45V32AD642 Datasheet HTML 10Page - Elpida Memory Next Button 

MC-45V32AD642 Product details

Description
The MC-45V32AD642 is a 33,554,432 words by 64 bits VirtualChannel dynamic RAM module on which 16 pieces of 128Mbits VirtualChannel DRAM : µPD45V128821 are assembled.
This module provides high density and large quantities of memory in a small space without utilizing the surfacemounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• 33,554,432 words by 64 bits organization
• Clock frequency and access time from CLK
• Fully Standard Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Dual internal banks controlled by BA0 (Bank Select)
• Wrap sequence (interleave)
• Burst length (4)
• Read latency (2)
• Prefetch read latency (4)
• Auto precharge and without auto precharge
• Auto refresh and self refresh
• Single 3.3 V ± 0.3 V power supply
• Interface: LVTTL
• Refresh cycle: 4K cycles/64 ms
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD




Similar Part No. - MC-45V32AD642

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AB642KF-A75 ELPIDA-MC-45V16AB642KF-A75 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A10 NEC-MC-45V16AD641EF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A75 NEC-MC-45V16AD641EF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Similar Description - MC-45V32AD642

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com