Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4R64CPE6C-845 Datasheet (PDF) - Elpida Memory

MC-4R64CPE6C-845 Datasheet PDF - Elpida Memory
Part # MC-4R64CPE6C-845
Download  MC-4R64CPE6C-845 Download

File Size   173.64 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)

MC-4R64CPE6C-845 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4R64CPE6C-845 Datasheet PDF - Elpida Memory

Part # MC-4R64CPE6C-845
Download  MC-4R64CPE6C-845 Click to download

File Size   173.64 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus??DRAM RIMM??Module 64M-BYTE (32M-WORD x 16-BIT)

MC-4R64CPE6C-845 Datasheet (HTML) - Elpida Memory

Back Button MC-4R64CPE6C-845 Datasheet HTML 1Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 2Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 3Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 4Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 5Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 6Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 7Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 8Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 9Page - Elpida Memory MC-4R64CPE6C-845 Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4R64CPE6C-845 Product details

Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for use in a broad range of applications including computer memory, personal computers, workstations, and other applications where high bandwidth and low latency are required.
MC-4R64CPE6C modules consists of four 128M Direct Rambus DRAM (Direct RDRAM™) devices (µPD488448). These are extremely high-speed CMOS DRAMs organized as 8M words by 16 bits. The use of Rambus Signaling Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and board design technologies.

Features
• 184 edge connector pads with 1mm pad spacing
• 64 MB Direct RDRAM storage
• Each RDRAM has 32 banks, for 128 banks total on module
• Gold plated contacts
• RDRAMs use Chip Scale Package (CSP)
• Serial Presence Detect support
• Operates from a 2.5 V supply
• Low power and powerdown self refresh modes
• Separate Row and Column buses for higher efficiency
• Over Drive Factor (ODF) support




Similar Part No. - MC-4R64CPE6C-845

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R64CPE6C-845 NEC-MC-4R64CPE6C-845 Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
More results


Similar Description - MC-4R64CPE6C-845

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
MC-4R64CEE6B NEC-MC-4R64CEE6B Datasheet
126Kb / 16P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
logo
Elpida Memory
MC-4R64FKE6D ELPIDA-MC-4R64FKE6D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE8D ELPIDA-MC-4R64FKE8D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com