Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA6.5A Datasheet (PDF) - GOOD-ARK Electronics

SA6.5A Datasheet PDF - GOOD-ARK Electronics
Part # SA6.5A
Download  SA6.5A Download

File Size   410.94 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Transient Voltage Suppressors

SA6.5A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA6.5A Datasheet PDF - GOOD-ARK Electronics

Part # SA6.5A
Download  SA6.5A Click to download

File Size   410.94 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Transient Voltage Suppressors

SA6.5A Datasheet (HTML) - GOOD-ARK Electronics

SA6.5A Datasheet HTML 1Page - GOOD-ARK Electronics SA6.5A Datasheet HTML 2Page - GOOD-ARK Electronics SA6.5A Datasheet HTML 3Page - GOOD-ARK Electronics SA6.5A Datasheet HTML 4Page - GOOD-ARK Electronics SA6.5A Datasheet HTML 5Page - GOOD-ARK Electronics SA6.5A Datasheet HTML 6Page - GOOD-ARK Electronics

SA6.5A Product details

Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V

Features
◆ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
◆ Glass passivated junction
◆ Excellent clamping capability
◆ Low incremental surge resistance
◆ Very fast response time
◆ 500W peak pulse power surge capability with a 10/100us
   waveform, repetition rate (duty cycle): 0.01%
◆ High temperature soldering guaranteed:
   265°C/10 seconds, 0.375" (9.5mm) lead length, 5lbs.
   (2.3kg) tension




Similar Part No. - SA6.5A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA6.5A MOTOROLA-SA6.5A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA6.5A TSC-SA6.5A Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
SA6.5A TSC-SA6.5A Datasheet
645Kb / 5P
   500 Watts Transient Voltage Suppressor Diodes
logo
SUNMATE electronic Co.,...
SA6.5A SUNMATE-SA6.5A Datasheet
223Kb / 4P
   500 Watts Axial Leaded Transient Voltage Suppressors
logo
Shanghai Yint Electroni...
SA6.5A YINT-SA6.5A Datasheet
843Kb / 5P
   SA Transient Voltage Suppressor Diode Series
More results


Similar Description - SA6.5A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com