Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK433-070-E Datasheet (PDF) - Sanyo Semicon Device

STK433-070-E Datasheet PDF - Sanyo Semicon Device
Part # STK433-070-E
Download  STK433-070-E Download

File Size   228.96 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W

STK433-070-E Datasheet (PDF)

Go To PDF Page Download Datasheet
STK433-070-E Datasheet PDF - Sanyo Semicon Device

Part # STK433-070-E
Download  STK433-070-E Click to download

File Size   228.96 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W

STK433-070-E Datasheet (HTML) - Sanyo Semicon Device

Back Button STK433-070-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-070-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

STK433-070-E Product details

Overview

The STK433-070-E is a hybrid IC designed to be used in 60W ×2ch class AB audio power amplifiers.



Features

•Pin-to-pin compatible outputs ranging from 30W to 60W.

•Can be used to replace the STK433-100 series (80Wto 150W/2ch)and STK433-200/-300 series (3-channel) due to its pin compatibility

•Miniature package (47.0mm ×25.6mm ×9.0mm)

•Output load impedance: RL= 6Ωto 4Ωsupported

•Allowable load shorted time: 0.3 second

•Allows the use of predesigned applications for standby and mute circuits.



Applications

•Audio power amplifiers.




Similar Part No. - STK433-070-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
More results


Similar Description - STK433-070-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com