Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1421BRMZ-REEL7 Datasheet (PDF) - Analog Devices

ADG1421BRMZ-REEL7 Datasheet PDF - Analog Devices
Part # ADG1421BRMZ-REEL7
Download  ADG1421BRMZ-REEL7 Download

File Size   476.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches

ADG1421BRMZ-REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1421BRMZ-REEL7 Datasheet PDF - Analog Devices

Part # ADG1421BRMZ-REEL7
Download  ADG1421BRMZ-REEL7 Click to download

File Size   476.45 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches

ADG1421BRMZ-REEL7 Datasheet (HTML) - Analog Devices

Back Button ADG1421BRMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1421BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADG1421BRMZ-REEL7 Product details

GENERAL DESCRIPTION
The ADG1421/ADG1422/ADG1423 contain two independent single-pole/single-throw (SPST) switches. The ADG1421 and ADG1422 differ only in that the digital control logic is inverted. The ADG1421 switches are turned on with Logic 1 on the appropriate control input, and Logic 0 is required for the ADG1422. The ADG1423 has one switch with digital control logic similar to that of the ADG1421; the logic is inverted on the other switch. The ADG1423 exhibits break-before-make switching action for use in multiplexer applications. Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked.

FEATURES
    2.1 Ω on resistance
    0.5 Ω maximum on resistance flatness
    Up to 250 mA continuous current
    Fully specified at +12 V, ±15 V, ±5 V
    No VL supply required
    3 V logic-compatible inputs
    Rail-to-rail operation
    10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP packages

APPLICATIONS
    Automatic test equipment
    Data acquisition systems
    Relay replacements
    Battery-powered systems
    Sample-and-hold systems
    Audio signal routing
    Video signal routing
    Communication systems




Similar Part No. - ADG1421BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BCPZ-REEL7 AD-ADG1401BCPZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ AD-ADG1401BRMZ Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ-REEL7 AD-ADG1401BRMZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1402 AD-ADG1402 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
More results


Similar Description - ADG1421BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com