Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C054 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C054 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C054
Download  HMC-C054 Download

File Size   904.99 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RMS POWER DETECTOR 70 dB, 0.01 - 2 GHz

HMC-C054 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C054 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C054
Download  HMC-C054 Click to download

File Size   904.99 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description RMS POWER DETECTOR 70 dB, 0.01 - 2 GHz

HMC-C054 Datasheet (HTML) - Hittite Microwave Corporation

HMC-C054 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C054 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C054 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C054 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C054 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C054 Datasheet HTML 6Page - Hittite Microwave Corporation

HMC-C054 Product details

General Description

The HMC-C054 Power Detector is designed for RF power measurement, and control applications for frequencies up to 2 GHz. The detector provides a “true RMS” representation of any RF/IF input signal. The output is a temperature compensated monotonic, representation of real signal power, measured with an

input sensing range of 70 dB.



Features

±1 dB Detection Accuracy to 2 GHz

Input Dynamic Range: -70 dBm to +10 dBm

RF Signal Wave Shape & Crest Factor Independent

+12V Operation from -55°C to +85°C

Excellent Temperature Stability

Power-Down Mode

Field Replaceable SMA Female Connectors



Typical Applications

The HMC-C054 is ideal for:

• Log –> Root-Mean-Square (RMS) Conversion

• Received Signal Strength Indication (RSSI)

• Transmitter Signal Strength Indication (TSSI)

• RF Power Amplifi er Efficiency Control

• Receiver Automatic Gain Control

• Transmitter Power Control




Similar Part No. - HMC-C054

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
   ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC-C051 HITTITE-HMC-C051 Datasheet
242Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER MODULE, 11 - 20 GHz
HMC-C052 HITTITE-HMC-C052 Datasheet
301Kb / 6P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
   VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
Analog Devices
HMC-C053 AD-HMC-C053 Datasheet
264Kb / 9P
   Voltage Variable Attenuator Module, DC to 20 GHz
More results


Similar Description - HMC-C054

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC610LP4 HITTITE-HMC610LP4 Datasheet
1Mb / 12P
   70 dB RMS POWER DETECTOR, DC - 3.9 GHz
logo
Analog Devices
AD8313 AD-AD8313 Datasheet
261Kb / 16P
   0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
Hittite Microwave Corpo...
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR DC - 3.9 GHz
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
logo
Analog Devices
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
   0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
logo
Texas Instruments
LMH2110 TI-LMH2110_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMH2110 8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI-LMH2120_15 Datasheet
1Mb / 34P
[Old version datasheet]   LMH2120 6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com