Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6704A Datasheet (PDF) - Pomona Electronics

6704A Datasheet PDF - Pomona Electronics
Part # 6704A
Download  6704A Download

File Size   51.62 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description HDTV, 75 Ohm BNC Connector for RG-59/U

6704A Datasheet (PDF)

Go To PDF Page Download Datasheet
6704A Datasheet PDF - Pomona Electronics

Part # 6704A
Download  6704A Click to download

File Size   51.62 Kbytes
Page   2 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description HDTV, 75 Ohm BNC Connector for RG-59/U

6704A Datasheet (HTML) - Pomona Electronics

6704A Datasheet HTML 1Page - Pomona Electronics 6704A Datasheet HTML 2Page - Pomona Electronics



Similar Part No. - 6704A

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6704 FILTRONIC-6704 Datasheet
148Kb / 3P
   PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6704 APITECH-6704 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
Bourns Electronic Solut...
6704-RC BOURNS-6704-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results


Similar Description - 6704A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6702A POMONA-6702A Datasheet
51Kb / 2P
   HDTV, 75 Ohm BNC Connector for RG-59/U
6703A POMONA-6703A Datasheet
62Kb / 2P
   HDTV, 75 Ohm BNC Connector for RG-6/U
logo
Pasternack Enterprises,...
PE33196 PASTERNACK-PE33196 Datasheet
279Kb / 1P
   CABLE ASSEMBLY RG 59B/U BLACK 75 OHM BNC MALE TO 75 OHM BNC MALE RIGHT ANGLE
logo
Pomona Electronics
5286 POMONA-5286 Datasheet
36Kb / 1P
   Connector BNC (M), Crimp, RG 59
logo
Pasternack Enterprises,...
PE44578 PASTERNACK-PE44578 Datasheet
222Kb / 2P
   75 Ohm BNC Male Connector Compression Attachment For Mini 59, PE-B159
logo
Molex Electronics Ltd.
0731000002 MOLEX11-0731000002 Datasheet
65Kb / 1P
   75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
73100-0002 MOLEX11-73100-0002 Datasheet
34Kb / 1P
   75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731000002 MOLEX-0731000002_V01 Datasheet
58Kb / 1P
   75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731714220 MOLEX11-0731714220 Datasheet
30Kb / 1P
   75 Ohms, BNC Right-Angle Plug, Crimp, RG-59 and RG-62 Cable,
logo
Pasternack Enterprises,...
PE33403 PASTERNACK-PE33403 Datasheet
137Kb / 1P
   CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC MALE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com