Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2482-800 Datasheet (PDF) - Maxim Integrated Products

DS2482-800 Datasheet PDF - Maxim Integrated Products
Part # DS2482-800
Download  DS2482-800 Download

File Size   430.31 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Eight-Channel 1-Wire Master

DS2482-800 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2482-800 Datasheet PDF - Maxim Integrated Products

Part # DS2482-800
Download  DS2482-800 Click to download

File Size   430.31 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Eight-Channel 1-Wire Master

DS2482-800 Datasheet (HTML) - Maxim Integrated Products

Back Button DS2482-800 Datasheet HTML 1Page - Maxim Integrated Products DS2482-800 Datasheet HTML 2Page - Maxim Integrated Products DS2482-800 Datasheet HTML 3Page - Maxim Integrated Products DS2482-800 Datasheet HTML 4Page - Maxim Integrated Products DS2482-800 Datasheet HTML 5Page - Maxim Integrated Products DS2482-800 Datasheet HTML 6Page - Maxim Integrated Products DS2482-800 Datasheet HTML 7Page - Maxim Integrated Products DS2482-800 Datasheet HTML 8Page - Maxim Integrated Products DS2482-800 Datasheet HTML 9Page - Maxim Integrated Products DS2482-800 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

DS2482-800 Product details

GENERAL DESCRIPTION
The DS2482-800 is an I2C-to-1-Wire® bridge device that interfaces directly to standard (100kHz max) or fast (400kHz max) I2C masters to perform bidirectional protocol conversion between the I2C master and any downstream 1-Wire slave devices. Relative to any attached 1-Wire slave device, the DS2482-800 is a 1-Wire master. Internal factory-trimmed timers relieve the system host processor from generating time-critical 1-Wire waveforms, supporting both standard and Overdrive 1-Wire communication speeds.

BENEFITS AND FEATURES
• Allows Easy Interface Between an I2C Micro Port and a 1-Wire Slave
    o I2C Host Interface Supports 100kHz and 400kHz I2C Communication Speeds
    o 8 Channels of Independently Operated 1-Wire I/O
    o 1-Wire Master I/O with Selectable Active or Passive 1-Wire Pullup
    o Provides Reset/Presence, 8-Bit, Single-Bit, and 3-Bit 1-Wire I/O Sequences
    o Standard and Overdrive 1-Wire Communication Speeds
    o Three Address Inputs for I2C Address Assignment
• Minimizes Line Noise, Reducing System EMI
    o Slew-Controlled 1-Wire Edges
• Supports EEPROMs, Temp Sensors, or Other 1-Wire Slaves That Have Momentary High Source Current Modes
    o Strong 1-Wire Pullup Provided by an Internal Low-Impedance Signal Path
    o PCTLZ Output to Optionally Control an External MOSFET for Stronger Pullup Requirements
• Wide Operating Range: 2.9V to 5.5V, -40°C to +85°C
• 16-Pin SO Package (150 mils)

APPLICATIONS
    Wireless Base Stations
    Central Office Switches
    PBXs
    Rack-Based Servers
    Medical Clinical Diagnostic Equipment




Similar Part No. - DS2482-800

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2482-800 DALLAS-DS2482-800 Datasheet
261Kb / 22P
   Eight-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2482-800 MAXIM-DS2482-800 Datasheet
392Kb / 23P
   8-Channel 1-Wire Master
Rev 4; 1/12
DS2482-800 MAXIM-DS2482-800_12 Datasheet
392Kb / 23P
   8-Channel 1-Wire Master
Rev 4; 1/12
DS2482-800 MAXIM-DS2482-800_V01 Datasheet
321Kb / 23P
   8-Channel 1-Wire Master
19-4932; Rev 5; 12/14
More results


Similar Description - DS2482-800

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2482-800 DALLAS-DS2482-800 Datasheet
261Kb / 22P
   Eight-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
   Single-Channel 1-Wire Master
Rev 10; 1/15
logo
Dallas Semiconductor
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
   Single-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
   Single-Channel 1-Wire Master
Rev 1; 7/15
DS2482-800 MAXIM-DS2482-800_12 Datasheet
392Kb / 23P
   8-Channel 1-Wire Master
Rev 4; 1/12
DS2482-100 MAXIM-DS2482-100 Datasheet
359Kb / 24P
   Single-Channel 1-Wire Master
Rev 8; 11/09
DS2482-100 MAXIM-DS2482-100_12 Datasheet
361Kb / 24P
   Single-Channel 1-Wire Master
Rev 9; 1/12
DS2482-800 MAXIM-DS2482-800_V01 Datasheet
321Kb / 23P
   8-Channel 1-Wire Master
19-4932; Rev 5; 12/14
DS2482-101 MAXIM-DS2482-101_12 Datasheet
424Kb / 24P
   Single-Channel 1-Wire Master with Sleep Mode
Rev 4; 1/12
logo
Dallas Semiconductor
DS1WM DALLAS-DS1WM Datasheet
198Kb / 15P
   Synthesizable 1-Wire Bus Master
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com