Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC05AFELG Datasheet (PDF) - ON Semiconductor

MC74HC05AFELG Datasheet PDF - ON Semiconductor
Part # MC74HC05AFELG
Download  MC74HC05AFELG Download

File Size   157.06 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Inverter with Open Drain Outputs

MC74HC05AFELG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC05AFELG Datasheet PDF - ON Semiconductor

Part # MC74HC05AFELG
Download  MC74HC05AFELG Click to download

File Size   157.06 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex Inverter with Open Drain Outputs

MC74HC05AFELG Datasheet (HTML) - ON Semiconductor

MC74HC05AFELG Datasheet HTML 1Page - ON Semiconductor MC74HC05AFELG Datasheet HTML 2Page - ON Semiconductor MC74HC05AFELG Datasheet HTML 3Page - ON Semiconductor MC74HC05AFELG Datasheet HTML 4Page - ON Semiconductor MC74HC05AFELG Datasheet HTML 5Page - ON Semiconductor MC74HC05AFELG Datasheet HTML 6Page - ON Semiconductor MC74HC05AFELG Datasheet HTML 7Page - ON Semiconductor

MC74HC05AFELG Product details

The MC74HC05A contains six inverters with open drain outputs. The MC74HC05A is identical to the MC74HC04A, except for the open drain outputs. The outputs can be connected to other open drain outputs to implement active LOW wired−OR or active High wired−AND logic functions. The open drain outputs require pull−up resistors to perform correctly.



Features

• Output Drive Capability: 10 LSTTL Loads with Suitable Pull−up Resistor

• Outputs Directly Interface to CMOS, NMOS and TTL

• High Noise Immunity Characteristic of CMOS Devices

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1 A

• In Compliance With the JEDEC Standard No. 7A Requirements

• Chip Complexity: 36 FETs or 9 Equivalent Gates

• These are Pb−Free Devices




Similar Part No. - MC74HC05AFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC05AFELG ONSEMI-MC74HC05AFELG Datasheet
123Kb / 6P
   Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
More results


Similar Description - MC74HC05AFELG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
   Hex Inverter with Open-Drain Outputs
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
   Hex Inverter with Open-Drain Outputs
logo
Nexperia B.V. All right...
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
   Hex inverter with open-drain outputs
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
   Hex Inverter with Open Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
   Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
   Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
logo
NXP Semiconductors
74LVC06A PHILIPS-74LVC06A Datasheet
71Kb / 16P
   Hex inverter with open-drain outputs
2000 Mar 07
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com