Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7171BCPZ-500RL7 Datasheet (PDF) - Analog Devices

AD7171BCPZ-500RL7 Datasheet PDF - Analog Devices
Part # AD7171BCPZ-500RL7
Download  AD7171BCPZ-500RL7 Download

File Size   284.44 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Low Power Sigma-Delta ADC

AD7171BCPZ-500RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7171BCPZ-500RL7 Datasheet PDF - Analog Devices

Part # AD7171BCPZ-500RL7
Download  AD7171BCPZ-500RL7 Click to download

File Size   284.44 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit Low Power Sigma-Delta ADC

AD7171BCPZ-500RL7 Datasheet (HTML) - Analog Devices

Back Button AD7171BCPZ-500RL7 Datasheet HTML 1Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 2Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 3Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 4Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 9Page - Analog Devices AD7171BCPZ-500RL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD7171BCPZ-500RL7 Product details

GENERAL DESCRIPTION
The AD7171 is a very low power, 16-bit, analog-to-digital converter (ADC). It contains a precision, 16-bit, Σ-Δ ADC and an on-chip oscillator. Consuming only 135 µA, the AD7171 is particularly suitable for portable or battery operated products where very low power is a requirement. The AD7171 also has a power-down mode in which the device consumes 5 μA, thus increasing the battery life of the product.

FEATURES
   Output data rate: 125 Hz
   Pin-programmable power-down and reset
   Status function
   Internal clock oscillator
   Current: 135 µA
   Power supply: 2.7 V to 5.25 V
   −40°C to +105°C temperature range
   Package: 10-lead 3 mm × 3 mm LFCSP

INTERFACE
   2-wire serial (read-only device)
   SPI compatible
   Schmitt trigger on SCLK

APPLICATIONS
   Weigh scales
   Pressure measurement
   Industrial process control
   Portable instrumentation




Similar Part No. - AD7171BCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7171BCPZ-500RL7 AD-AD7171BCPZ-500RL7 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
More results


Similar Description - AD7171BCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com