Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K224L Datasheet (PDF) - Teridian Semiconductor Corporation

73K224L Datasheet PDF - Teridian Semiconductor Corporation
Part # 73K224L
Download  73K224L Download

File Size   248.8 Kbytes
Page   31 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem

73K224L Datasheet (PDF)

Go To PDF Page Download Datasheet
73K224L Datasheet PDF - Teridian Semiconductor Corporation

Part # 73K224L
Download  73K224L Click to download

File Size   248.8 Kbytes
Page   31 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Single-Chip Modem

73K224L Datasheet (HTML) - Teridian Semiconductor Corporation

Back Button 73K224L Datasheet HTML 1Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 2Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 3Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 4Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 5Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 6Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 7Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 8Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 9Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 10Page - Teridian Semiconductor Corporation Next Button 

73K224L Product details

DESCRIPTION

The 73K224L is a highly integrated single-chip modem IC which provides the functions needed to construct a V.22bis compatible modem, capable of 2400 bit/s full-duplex operation over dial-up lines. The 73K224L offers excellent performance and a high level of functional integration in a single 28-pin DIP package.



FEATURES

•  One-chip multi-mode V.22bis/V.22/V.21 and Bell 212A/103 compatible modem data pump

•  FSK (300 bit/s), DPSK (600, 1200 bit/s), or QAM (2400 bit/s) encoding

•  Pin and software compatible with other TERIDIAN Semiconductor Corporation K-Series 1-chip modems

•  Interfaces directly with standard microcontrollers (80C51 typical)

•  Parallel microcontroller busfor modem control and status monitoring functions

•  Selectable asynch/synch with internal buffer/debuffer and scrambler/descrambler functions

•  All synchronous and asynchronous operating modes (internal, external, slave)

•  Adaptive equalization for optimum performance over all lines

•  Programmable transmit attenuation (16 dB, 1 dB steps), selectable receive boost (+18 dB)

•  Call progress, carrier, answer tone, unscrambled mark, S1, and signal quality monitors

•  DTMF, answer and guard tone generators

•  Test modes available: ALB, DL, RDL, Mark, Space, Alternating bit, S1 pattern

•  CMOS technology for low power consumption (typically 100 mW @ 5V) with power-down mode (15 mW @ 5V)

•  TTL and CMOS compatible inputs and outputs



 




Similar Part No. - 73K224L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-28IH TDK-73K224L-28IH Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-IGT TDK-73K224L-IGT Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-IH TDK-73K224L-IH Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-IP TDK-73K224L-IP Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
More results


Similar Description - 73K224L

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com