Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78Q8430 Datasheet (PDF) - Teridian Semiconductor Corporation

78Q8430 Datasheet PDF - Teridian Semiconductor Corporation
Part # 78Q8430
Download  78Q8430 Download
File Size   1238.02 Kbytes
Page   88 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description 10/100 Ethernet MAC and PHY

78Q8430 Datasheet (PDF)

Go To PDF Page Download Datasheet
78Q8430 Datasheet PDF - Teridian Semiconductor Corporation

Part # 78Q8430
Download  78Q8430 Click to download

File Size   1238.02 Kbytes
Page   88 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description 10/100 Ethernet MAC and PHY

78Q8430 Datasheet (HTML) - Teridian Semiconductor Corporation


78Q8430 Product details

DESCRIPTION
The Teridian 78Q8430 is a 10/100 Fast Ethernet controller supporting multi-media offload. The device is optimized for host processor offloading and throughput enhancements for demanding multi-media applications found in Set Top Box, IP Video and Broadband Media Appliance applications. The 78Q8430 seamlessly interfaces to non-PCI processors through a simplified pseudo SRAM-like Host Bus Interface supporting 32/16/8 bit data bus widths. Supported features include IEEE802.3x flow control and full IEEE802.3 and 802.3u standards compliance.

FEATURES
• Single chip 10Base-T/100Base-TX IEEE-802.3 compliant MAC and PHY
    ◾ Adaptive 32 kB SRAM FIFO memory allocation between Tx and Rx paths
    ◾ Queue independent user settable water marks
    ◾ Per queue status indication
• Address Resolution Controller (ARC)
    ◾ Multiple perfect address filtering: 8 default (max 12)
    ◾ Wildcard address filtering, individual, multicast and broadcast address recognition and filtering
    ◾ Positive/negative filtering and promiscuous mode
• 64 kB JUMBO packet support
• QoS: 4 Transmit priority levels
• Non-PCI pseudo-SRAM Host Bus Interface
    ◾ 8-bit, 16-bit and 32-bit bus width
    ◾ Big/little endian support for 16-bit/32-bit bus widths
    ◾ Asynchronous (100 MHz) and synchronous (50 MHz) bus clock support
• Low power and flexible power supply management
    ◾ Power down/save
    ◾ Wake on LAN (Magic Packet™, OnNow packet)
    ◾ Link status change
• Traffic Offload Engine Functionality
    ◾ Transfer frame: APF & ICMP Echo
    ◾ IP Firewall configuration: drop frames on source IP address
    ◾ IP Checksum
• Available in an industrial temperature range (-40 °C to +85 °C)
• RoHS compliant (6/6) lead-free package

APPLICATIONS
• Satellite, cable and IPTV Set Top Boxes
• Multi Media Residential Gateways
• High Definition 1080p/1080i DTVs
• IP-PVR and video distribution systems
• Digital Video Recorders/Players
• Routers and IADs
• Video over IP system, IP-PBX
• IP Security Cameras / PVRs
• Low latency industrial automation

BENEFITS
• Support for IEEE-802.3, IEEE-802.3u and IEEE-802.3-2000 Annex 31.B
• Low host CPU utilization/overhead with minimal software driver overhead and small driver memory space requirements
• Improved packet processing, low latency and low host CPU utilization
• Highest performance streaming Video over IP
• Optimized performance in mixed media application such as video, data and voice
• Ease of use, faster development cycles, high throughput
• Optimized power conservation with automatic turn on when needed
• Reduced host CPU utilization and overhead
• Improved packet processing
• Optimized performance in mixed media applications




Similar Part No. - 78Q8430

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results


Similar Description - 78Q8430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microsemi Corporation
VSC8504-01 MICROSEMI-VSC8504-01 Datasheet
1Mb / 136P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com