Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62308F Datasheet (PDF) - Toshiba Semiconductor

TD62308F Datasheet PDF - Toshiba Semiconductor
Part # TD62308F
Download  TD62308F Download

File Size   297.28 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER

TD62308F Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62308F Datasheet PDF - Toshiba Semiconductor

Part # TD62308F
Download  TD62308F Click to download

File Size   297.28 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER

TD62308F Datasheet (HTML) - Toshiba Semiconductor

TD62308F Datasheet HTML 1Page - Toshiba Semiconductor TD62308F Datasheet HTML 2Page - Toshiba Semiconductor TD62308F Datasheet HTML 3Page - Toshiba Semiconductor TD62308F Datasheet HTML 4Page - Toshiba Semiconductor TD62308F Datasheet HTML 5Page - Toshiba Semiconductor TD62308F Datasheet HTML 6Page - Toshiba Semiconductor TD62308F Datasheet HTML 7Page - Toshiba Semiconductor TD62308F Datasheet HTML 8Page - Toshiba Semiconductor

TD62308F Product details

4CH LOW INPUT ACTIVE HIGH−CURRENT DARLINGTON SINK DRIVER



The TD62308AP/F/AF is a non−inverting transistor array which is comprised of four NPN darlington output stages and PNP input stages. This device is low−level input active driver and is suitable for operation with 5−V TTL, 5−V CMOS and 5−V Microprocessor which have sink current output drivers. Application include relay, hammer, lamp and stepping motor drivers.



FEATURES

Output current (single output) 1.5 A (Max)

High sustaining voltage output  35 V (Min) (TD62308F) 

                                          50 V (Min) 

                                          (TD62308AP, TD62308AF)

Output clamp diodes

Input compatible with TTL and 5 V CMOS

Low level active inputs

Standard supply voltage

Two VCCterminals VCC1, VCC2(separated)

GND and SUB terminal = heat sink

Package type−AP : DIP−16 pin

Package type−F, AF : HSOP−16 pin




Similar Part No. - TD62308F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308 TOSHIBA-TD62308 Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308AFG TOSHIBA-TD62308AFG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308BF TOSHIBA-TD62308BF Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Similar Description - TD62308F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP1G TOSHIBA-TD62308BP1G Datasheet
405Kb / 11P
   4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com