Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ3632 Datasheet (PDF) - TriQuint Semiconductor

TQ3632 Datasheet PDF - TriQuint Semiconductor
Part # TQ3632
Download  TQ3632 Download

File Size   212.24 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description Low Current, 3V PCS Band CDMA LNA IC

TQ3632 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ3632 Datasheet PDF - TriQuint Semiconductor

Part # TQ3632
Download  TQ3632 Click to download

File Size   212.24 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description Low Current, 3V PCS Band CDMA LNA IC

TQ3632 Datasheet (HTML) - TriQuint Semiconductor

Back Button TQ3632 Datasheet HTML 1Page - TriQuint Semiconductor TQ3632 Datasheet HTML 2Page - TriQuint Semiconductor TQ3632 Datasheet HTML 3Page - TriQuint Semiconductor TQ3632 Datasheet HTML 4Page - TriQuint Semiconductor TQ3632 Datasheet HTML 5Page - TriQuint Semiconductor TQ3632 Datasheet HTML 6Page - TriQuint Semiconductor TQ3632 Datasheet HTML 7Page - TriQuint Semiconductor TQ3632 Datasheet HTML 8Page - TriQuint Semiconductor TQ3632 Datasheet HTML 9Page - TriQuint Semiconductor TQ3632 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 

TQ3632 Product details

Product Description
The TQ3632 is a low current, 3V, RF LNA IC designed specifically for PCS band CDMA applications. It’s RF performance meets the requirements of products designed to the IS-95 specifications. The TQ3632 is designed to be used with the TQ5631 or TQ5633 (CDMA mixer) which provides a complete CDMA receiver for 1900MHz phones.

Features
◾ Small size: SOT23-8
◾ Single 3V operation
◾ Low-current operation
◾ Gain Select
◾ High IP3 performance
◾ Few external components

Applications
◾ IS-95 CDMA PCS Mobile Phones




Similar Part No. - TQ3632

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
More results


Similar Description - TQ3632

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
   Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
TQ5633 TRIQUINT-TQ5633 Datasheet
97Kb / 10P
   3V PCS Band CDMA RFA/Mixer IC(WIRELESS COMMUNICATIONS DIVISION)
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
   3V PCS CDMA Power Amplifier Module
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com