Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS7600AS Datasheet (PDF) - Fairchild Semiconductor

FDMS7600AS Datasheet PDF - Fairchild Semiconductor
Part # FDMS7600AS
Download  FDMS7600AS Download

File Size   470.02 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓

FDMS7600AS Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMS7600AS Datasheet PDF - Fairchild Semiconductor

Part # FDMS7600AS
Download  FDMS7600AS Click to download

File Size   470.02 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓

FDMS7600AS Datasheet (HTML) - Fairchild Semiconductor

Back Button FDMS7600AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 8Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 9Page - Fairchild Semiconductor FDMS7600AS Datasheet HTML 10Page - Fairchild Semiconductor Next Button 



Similar Part No. - FDMS7600AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7602S FAIRCHILD-FDMS7602S Datasheet
405Kb / 12P
   Dual N-Channel PowerTrench MOSFET
FDMS7606 FAIRCHILD-FDMS7606 Datasheet
379Kb / 11P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 11.4 m廓 Q2: 30 V, 22 A, 11.6 m廓
FDMS7608S FAIRCHILD-FDMS7608S Datasheet
386Kb / 12P
   Dual N-Channel PowerTrench MOSFET Q1: 30 V, 22 A, 10.0 m Ohm Q2: 30 V, 30 A, 6.3 m Ohm
More results


Similar Description - FDMS7600AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS7660 FAIRCHILD-FDMS7660 Datasheet
296Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 2.8 m廓
FDMS-7692 FAIRCHILD-FDMS-7692 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS7692 FAIRCHILD-FDMS7692 Datasheet
339Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS7692 FAIRCHILD-FDMS7692_11 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDME430NT FAIRCHILD-FDME430NT Datasheet
264Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30 V, 6 A, 40 m廓
FDMC3020DC FAIRCHILD-FDMC3020DC Datasheet
570Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 40 A, 6.25 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com