Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE24C02AFM+UH Datasheet (PDF) - ACE Technology Co., LTD.

ACE24C02AFM+UH Datasheet PDF - ACE Technology Co., LTD.
Part # ACE24C02AFM+UH
Download  ACE24C02AFM+UH Download
File Size   279.7 Kbytes
Page   14 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Two-wire Serial EEPROM

ACE24C02AFM+UH Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE24C02AFM+UH Datasheet PDF - ACE Technology Co., LTD.

Part # ACE24C02AFM+UH
Download  ACE24C02AFM+UH Click to download

File Size   279.7 Kbytes
Page   14 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Two-wire Serial EEPROM

ACE24C02AFM+UH Datasheet (HTML) - ACE Technology Co., LTD.


ACE24C02AFM+UH Product details

Description
The ACE24C02A provides low operation voltage of 2048 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 256 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operations are essential.
   
Features
● Low Operation Voltage: Vcc=1.7V to 5.5V
● 5V tolerant I/O
● Internally Organized: 256x8
● Two-wire Serial Interface
● Schmitt Trigger, Filtered Inputs for Noise Suppression
● Bi-directional Data Transfer Protocol
● 1MHz(2.5V~5.5V) and 400kHz(1.7V) Compatibility
● Write Protect Pin for Hardware Data Protection
● 8-byte Page Write Modes
● Partial Page Writes are Allowed
● Self-timed Write Cycle (5 ms max)
● High-reliability - Endurance: 1,000,000 Write Cycles
    - Data Retention: 100 Years
   




Similar Part No. - ACE24C02AFM+UH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C02AFMTH ACE-ACE24C02AFMTH Datasheet
619Kb / 15P
Two-wire Serial EEPROM
VER 1.4
ACE24C02AFMUH ACE-ACE24C02AFMUH Datasheet
619Kb / 15P
Two-wire Serial EEPROM
VER 1.4
More results


Similar Description - ACE24C02AFM+UH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com