Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIE-534L3 Datasheet (PDF) - Unity Opto Technology

MIE-534L3 Datasheet PDF - Unity Opto Technology
Part # MIE-534L3
Download  MIE-534L3 Download

File Size   32.49 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE

MIE-534L3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIE-534L3 Datasheet PDF - Unity Opto Technology

Part # MIE-534L3
Download  MIE-534L3 Click to download

File Size   32.49 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE

MIE-534L3 Datasheet (HTML) - Unity Opto Technology

MIE-534L3 Datasheet HTML 1Page - Unity Opto Technology MIE-534L3 Datasheet HTML 2Page - Unity Opto Technology

MIE-534L3 Product details

Description
The MIE-534L3 is an infrared emitting diode in GaAlAs on GaAlAs technology molded in water clear plastic package .

Features
• Suitable for DC and high pulse current operation
• Standard T-1 3/4 ( Φ 5mm ) package
• Peak wavelength λp = 880 nm
• Good spectral matching to si-photodetector
• Radiation angle : 30°




Similar Part No. - MIE-534L3

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-534A4 UOT-MIE-534A4 Datasheet
30Kb / 2P
   AlGaAs/GaAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534H4 UOT-MIE-534H4 Datasheet
32Kb / 2P
   GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results


Similar Description - MIE-534L3

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-516L3U UOT-MIE-516L3U Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546L3U UOT-MIE-546L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-554H4 UOT-MIE-554H4 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-514L3 UOT-MIE-514L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524L3 UOT-MIE-524L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824H2 UOT-MIE-824H2 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-526L3U UOT-MIE-526L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-536L3U UOT-MIE-536L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-554L3 UOT-MIE-554L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-556L3U UOT-MIE-556L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com