Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTB1-2 Datasheet (PDF) - Dubilier

DBCTB1-2 Datasheet PDF - Dubilier
Part # DBCTB1-2
Download  DBCTB1-2 Download

File Size   142.4 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE

DBCTB1-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBCTB1-2 Datasheet PDF - Dubilier

Part # DBCTB1-2
Download  DBCTB1-2 Click to download

File Size   142.4 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE

DBCTB1-2 Datasheet (HTML) - Dubilier

DBCTB1-2 Datasheet HTML 1Page - Dubilier



Similar Part No. - DBCTB1-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB1-2 DUBILIER-DBCTB1-2 Datasheet
142Kb / 1P
   TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
More results


Similar Description - DBCTB1-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB56-2 DUBILIER-DBCTB56-2 Datasheet
142Kb / 1P
   TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
logo
CamdenBoss Ltd.
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
   3.5mm low profile vertical rising clamp terminal blocks
CTBP3051 CAMDENBOSS-CTBP3051 Datasheet
438Kb / 1P
   3.5mm pitch low profile commercial screw terminal blocks
logo
Dubilier
DBCTB81-2 DUBILIER-DBCTB81-2 Datasheet
96Kb / 1P
   TERMINAL BLOCKS 3.5mm PITCH 90 MOUNT
DBCTB14-2 DUBILIER-DBCTB14-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB12-2 DUBILIER-DBCTB12-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
logo
CamdenBoss Ltd.
CTBP0355 CAMDENBOSS-CTBP0355 Datasheet
836Kb / 1P
   3.5mm low profile 90° wire protector terminal blocks
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP92HD CAMDENBOSS-CSTBP92HD Datasheet
304Kb / 1P
   3.5mm pitch pluggable screwless terminal blocks
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com