Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77542 Datasheet (PDF) - Skyworks Solutions Inc.

SKY77542 Datasheet PDF - Skyworks Solutions Inc.
Part # SKY77542
Download  SKY77542 Download

File Size   82.1 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)

SKY77542 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY77542 Datasheet PDF - Skyworks Solutions Inc.

Part # SKY77542
Download  SKY77542 Click to download

File Size   82.1 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)

SKY77542 Datasheet (HTML) - Skyworks Solutions Inc.

SKY77542 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77542 Datasheet HTML 2Page - Skyworks Solutions Inc.

SKY77542 Product details

Description

The SKY77542 is a transmit and receive front-end module (FEM) with Integrated Power Amplifier

Control (iPAC™) for dual-band cellular handsets comprising GSM900 and DCS1800 operation.

Designed in a low profile, compact form factor, the SKY77542 offers a complete Transmit VCO-to

Antenna and Antenna-to-Receive SAW filter solution. The FEM also supports Class 12 General Packet

Radio Service (GPRS) multi-slot operation.



Features

• High efficiency

- GSM900 45.0%

- DCS1800 38.5%

• Low transmit supply current

- GSM900 1.26 A

- DCS1800 0.93 A

• Internal ICC sense resistor for iPAC

• Closed loop iPAC

• 50 Ωmatched Input/Output

• Tx–VCO-to-antenna and antenna-to-Rx-SAW filter RF interface

• Tx harmonics below –33 dBm

• PHEMT RF switches afford high linearity, low insertion loss, and less than 20 μA

supply current in receive modes

• Small outline: 7 x 6 mm

• Low profile: 0.9 mm

• Compatible with multiple logic families

• Low APC current: 25 μA



Applications

• Dual-band cellular handsets encompassing

- Class 4 GSM900

- DCS1800

- Class 12 GPRS multi-slot operation




Similar Part No. - SKY77542

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77543 SKYWORKS-SKY77543 Datasheet
82Kb / 2P
   Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)
SKY77544 SKYWORKS-SKY77544 Datasheet
116Kb / 2P
   Wideband envelope control path
SKY77546 SKYWORKS-SKY77546 Datasheet
77Kb / 2P
   Tx - Rx Front-End Module for Dual-Band GSM / GPRS / EDGE
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
More results


Similar Description - SKY77542

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77555 SKYWORKS-SKY77555 Datasheet
77Kb / 2P
   Tx-Rx FEM Based on CMOS PA for Dual-Band GSM / GPRS (880-915 MHz and 1710-1785 MHz)
SKY77552 SKYWORKS-SKY77552 Datasheet
80Kb / 2P
   Quad-Band Tx / Dual-Band Rx iPAC FEM for GSM / GPRS (824-915 MHz and 1710-1910 MHz)
SKY77543 SKYWORKS-SKY77543 Datasheet
82Kb / 2P
   Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
   Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
SKY77500 SKYWORKS-SKY77500 Datasheet
1Mb / 20P
   SKY77500 iPAC??FEM for Quad-Band GSM / GPRS
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77458 SKYWORKS-SKY77458 Datasheet
97Kb / 2P
   Front-End Module for LTE / EUTRAN Band VIII (Tx 880-915 MHz), (Rx 925-960 MHz)
SKY77328 SKYWORKS-SKY77328 Datasheet
1Mb / 19P
   iPAC PAM for Quad-Band GSM/GPRS
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com