Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77552 Datasheet (PDF) - Skyworks Solutions Inc.

SKY77552 Datasheet PDF - Skyworks Solutions Inc.
Part # SKY77552
Download  SKY77552 Download

File Size   80.86 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Quad-Band Tx / Dual-Band Rx iPAC FEM for GSM / GPRS (824-915 MHz and 1710-1910 MHz)

SKY77552 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY77552 Datasheet PDF - Skyworks Solutions Inc.

Part # SKY77552
Download  SKY77552 Click to download

File Size   80.86 Kbytes
Page   2 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Quad-Band Tx / Dual-Band Rx iPAC FEM for GSM / GPRS (824-915 MHz and 1710-1910 MHz)

SKY77552 Datasheet (HTML) - Skyworks Solutions Inc.

SKY77552 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77552 Datasheet HTML 2Page - Skyworks Solutions Inc.

SKY77552 Product details

Description

The SKY77552 is a quad-band transmit and dual-band receive front-end module (FEM) with Integrated Power Amplifier Control (iPAC™) for cellular handsets comprising GSM and DCS/PCS operation. The FEM has quad-band capability in applications of U.S. or Euro dual-band platforms. Designed in a low profile, compact form factor, the SKY77552 offers a complete Transmit VCO-to Antenna and Antenna-to-Receive SAW filter solution. The FEM also supports Class 12 General Packet Radio Service (GPRS) multi-slot operation.



Features

• High efficiency

- 43.5% GSM

- 37.5% DCS/PCS

• Low transmit supply current

- 1.31 A GSM

- 0.96 A DCS/PCS

• Internal ICC sense resistor for iPAC

• Closed loop iPAC

• 50 Ωmatched Input/Output

• Tx–VCO-to-antenna and antenna-to-Rx-SAW filter RF interface

• PHEMT RF switches afford high linearity, low insertion loss, and less than 20 μA supply current in receive modes

• Small, low profile package

- 7 x mm 6 mm x 0.9 mm

• Compatible with multiple logic families

• Low VRAMP current: 25 μA



Applications

• U.S. or Euro dual-band cellular handsets encompassing

- Class 4 GSM850/900

- DCS1800/PCS1900

- Class 12 GPRS multi-slot operation




Similar Part No. - SKY77552

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
   Current limiting for over-voltage protection and extended battery life
SKY77554-21 SKYWORKS-SKY77554-21 Datasheet
83Kb / 2P
   RF switch affords high linearity, low insertion loss
SKY77555 SKYWORKS-SKY77555 Datasheet
77Kb / 2P
   Tx-Rx FEM Based on CMOS PA for Dual-Band GSM / GPRS (880-915 MHz and 1710-1785 MHz)
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
SKY77559 SKYWORKS-SKY77559 Datasheet
85Kb / 2P
   RF switch affords high
More results


Similar Description - SKY77552

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77543 SKYWORKS-SKY77543 Datasheet
82Kb / 2P
   Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)
SKY77542 SKYWORKS-SKY77542 Datasheet
82Kb / 2P
   Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)
SKY77555 SKYWORKS-SKY77555 Datasheet
77Kb / 2P
   Tx-Rx FEM Based on CMOS PA for Dual-Band GSM / GPRS (880-915 MHz and 1710-1785 MHz)
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
   Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
SKY77500 SKYWORKS-SKY77500 Datasheet
1Mb / 20P
   SKY77500 iPAC??FEM for Quad-Band GSM / GPRS
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
SKY77328 SKYWORKS-SKY77328 Datasheet
1Mb / 19P
   iPAC PAM for Quad-Band GSM/GPRS
SKY77318 SKYWORKS-SKY77318 Datasheet
808Kb / 19P
   iPAC PAM for Quad-Band GSM/GPRS
SKY77325 SKYWORKS-SKY77325 Datasheet
842Kb / 19P
   iPAC??PAM for Quad-Band GSM / GPRS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com