Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-5C4TG Datasheet (PDF) - Unity Opto Technology

MVL-5C4TG Datasheet PDF - Unity Opto Technology
Part # MVL-5C4TG
Download  MVL-5C4TG Download

File Size   37.46 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP

MVL-5C4TG Datasheet (PDF)

Go To PDF Page Download Datasheet
MVL-5C4TG Datasheet PDF - Unity Opto Technology

Part # MVL-5C4TG
Download  MVL-5C4TG Click to download

File Size   37.46 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP

MVL-5C4TG Datasheet (HTML) - Unity Opto Technology

MVL-5C4TG Datasheet HTML 1Page - Unity Opto Technology MVL-5C4TG Datasheet HTML 2Page - Unity Opto Technology

MVL-5C4TG Product details

Description
The MVL-5C4TG, a green source color device, is made with InGaN on SiC substrate LED die.
The package is T-1 3/4 (ф 5mm) water clear plastic type.

Features
• High performance - 1.5mW (525nm)
• Superior SiC substrate technology
• Excellent chip to chip consistency
• High reliability

Applications
• Full color displays & moving message signs
• Solid state incandescent replacement bulbs
• High ambient panel indicators
• Color printers & scanners
• Medical & Analytical instruments




Similar Part No. - MVL-5C4TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-5C4B UOT-MVL-5C4B Datasheet
35Kb / 2P
   T-1 3/4 PACKAGE SOLID STATE LAMP
MVL-5C4BG UOT-MVL-5C4BG Datasheet
36Kb / 2P
   T-1 3/4 ( f5mm) PACKAGE SOLID STATE LAMP
MVL-5C4BS UOT-MVL-5C4BS Datasheet
33Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-5C4SG UOT-MVL-5C4SG Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-5C4SO UOT-MVL-5C4SO Datasheet
35Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
More results


Similar Description - MVL-5C4TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-534TG UOT-MVL-534TG Datasheet
32Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-5A4SG UOT-MVL-5A4SG Datasheet
33Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-5A4TG UOT-MVL-5A4TG Datasheet
34Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-564TG UOT-MVL-564TG Datasheet
33Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-584UW-S UOT-MVL-584UW-S Datasheet
31Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
MVL-564SG UOT-MVL-564SG Datasheet
45Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP PRELIMINARY
logo
Kingbright Corporation
L-7524PWC-H KINGBRIGHT-L-7524PWC-H Datasheet
90Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503GD KINGBRIGHT-WP1503GD_15 Datasheet
319Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LSECK-J3 KINGBRIGHT-WP7113LSECK-J3_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63GT KINGBRIGHT-WP63GT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com