Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1080CT Datasheet (PDF) - Compact Technology Corp.

SB1080CT Datasheet PDF - Compact Technology Corp.
Part # SB1080CT
Download  SB1080CT Download

File Size   53.43 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description SCHOTTKY BARRIER RECTIFIERS

SB1080CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1080CT Datasheet PDF - Compact Technology Corp.

Part # SB1080CT
Download  SB1080CT Click to download

File Size   53.43 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description SCHOTTKY BARRIER RECTIFIERS

SB1080CT Datasheet (HTML) - Compact Technology Corp.

SB1080CT Datasheet HTML 1Page - Compact Technology Corp. SB1080CT Datasheet HTML 2Page - Compact Technology Corp.

SB1080CT Product details

REVERSE VOLTAGE - 20 to 100 Volts

FORWARD CURRENT - 10.0 Amperes



FEATURES

Metal-Semiconductor junction with guard ring

Low forward voltage drop

High current capability

The plastic material carries UL recognition 94V-0

For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications



MECHANICAL DATA

Case : TO-220AB molded plastic

Polarity : Color band denotes cathode

Weight : 1.9 grams

Mounting position : Any

Epitaxial construction




Similar Part No. - SB1080CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1080CT PANJIT-SB1080CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Won-Top Electronics
SB1080CT WTE-SB1080CT Datasheet
40Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1080CT WTE-SB1080CT Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1080CT PANJIT-SB1080CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1080CT PACELEADER-SB1080CT Datasheet
288Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB1080CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com