Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR542P Datasheet (PDF) - Rohm

2SAR542P Datasheet PDF - Rohm
Part # 2SAR542P
Download  2SAR542P Download

File Size   243.67 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-30V / -5A)

2SAR542P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR542P Datasheet PDF - Rohm

Part # 2SAR542P
Download  2SAR542P Click to download

File Size   243.67 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-30V / -5A)

2SAR542P Datasheet (HTML) - Rohm

2SAR542P Datasheet HTML 1Page - Rohm 2SAR542P Datasheet HTML 2Page - Rohm 2SAR542P Datasheet HTML 3Page - Rohm 2SAR542P Datasheet HTML 4Page - Rohm 2SAR542P Datasheet HTML 5Page - Rohm



Similar Part No. - 2SAR542P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
2SAR542PFRA ROHM-2SAR542PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -5A)
More results


Similar Description - 2SAR542P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 5A)
2SCR542D ROHM-2SCR542D Datasheet
498Kb / 6P
   Midium Power Transistors (30V / 5A)
2SAR542D ROHM-2SAR542D Datasheet
599Kb / 6P
   Midium Power Transistors (-30V/-5A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
   Midium Power Transistors (30V / 1A)
2SCR512P5 ROHM-2SCR512P5 Datasheet
1Mb / 9P
   Midium Power Transistors (30V / 2V)
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-30V / -3A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
   Midium Power Transistors (-30V / -1A)
QS5Y1 ROHM-QS5Y1 Datasheet
1Mb / 8P
   Midium Power Transistors (30V / 3A)
2SCR512P ROHM-2SCR512P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (30V / 2A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
   Midium Power Transistors (30V / 1A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com