Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0169A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0169A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA0169A
Download  TA0169A Download

File Size   286.2 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 836.5MHz SMD 3.0횞3.0

TA0169A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0169A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0169A
Download  TA0169A Click to download

File Size   286.2 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 836.5MHz SMD 3.0횞3.0

TA0169A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0169A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0169A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.

TA0169A Product details

MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 0 V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - TA0169A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0169A GOLLEDGE-TA0169A Datasheet
81Kb / 5P
   SAW Filter 836.5MHz
More results


Similar Description - TA0169A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS836.5W01-TS4 ABRACON-AFS836.5W01-TS4 Datasheet
189Kb / 1P
   SMD 836.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183A TAI-SAW-TA0183A Datasheet
785Kb / 6P
   SAW Filter 836.5MHz SMD 2.5횞2.0mm
TA0968A TAI-SAW-TA0968A Datasheet
387Kb / 7P
   SAW Filter 836.5MHz
TA0394A TAI-SAW-TA0394A Datasheet
1Mb / 6P
   SAW Filter 942.5MHz SMD 3.0횞3.0
logo
Golledge Electronics Lt...
MA05421 GOLLEDGE-MA05421 Datasheet
81Kb / 5P
   SAW Filter 836.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
   SAW Filter 915MHz SMD 3.0횞3.0 mm
TA0292A TAI-SAW-TA0292A Datasheet
268Kb / 5P
   SAW Filter 1220MHz SMD 3.0횞3.0 mm
TA0296A TAI-SAW-TA0296A Datasheet
627Kb / 6P
   SAW Filter 869MHz SMD 3.0횞3.0 mm
TA1692A TAI-SAW-TA1692A Datasheet
222Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1691A TAI-SAW-TA1691A Datasheet
223Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com