Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0175H Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0175H Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA0175H
Download  TA0175H Download

File Size   421.28 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1960 MHz SMD 3X3 mm

TA0175H Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0175H Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0175H
Download  TA0175H Click to download

File Size   421.28 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1960 MHz SMD 3X3 mm

TA0175H Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0175H Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175H Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175H Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175H Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175H Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175H Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0175H Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.

TA0175H Product details

MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 3 V
3. Operating Temperature: 25°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - TA0175H

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0175H GOLLEDGE-TA0175H Datasheet
247Kb / 6P
   SAW Filter 1960MHz
More results


Similar Description - TA0175H

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0614A TAI-SAW-TA0614A Datasheet
405Kb / 7P
   SAW Filter 1960 MHz SMD 3.0X3.0 mm
TA0762A TAI-SAW-TA0762A Datasheet
508Kb / 7P
   SAW Filter 1747.5 MHz SMD 3X3 mm
TA0465A TAI-SAW-TA0465A Datasheet
404Kb / 6P
   SAW Filter 2160 MHz SMD 3X3 mm
TA0515A TAI-SAW-TA0515A Datasheet
562Kb / 7P
   SAW Filter 2345 MHz SMD 3X3 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0222A TAI-SAW-TA0222A Datasheet
499Kb / 8P
   SAW Filter 2442 MHz SMD 3X3 mm
TA0273A TAI-SAW-TA0273A Datasheet
465Kb / 7P
   SAW Filter 2332.5 MHz SMD 3X3 mm
TA0494A TAI-SAW-TA0494A Datasheet
409Kb / 6P
   SAW Filter 897.5 MHz SMD 3X3 mm
TA0254A TAI-SAW-TA0254A Datasheet
462Kb / 7P
   SAW Filter 930 MHz SMD 3X3 mm
TA0294A TAI-SAW-TA0294A Datasheet
439Kb / 6P
   SAW Filter 1880 MHz SMD 3X3 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com