Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0402A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0402A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA0402A
Download  TA0402A Download

File Size   497.38 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2140MHz SMD 2.5X2.0 mm

TA0402A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0402A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0402A
Download  TA0402A Click to download

File Size   497.38 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2140MHz SMD 2.5X2.0 mm

TA0402A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0402A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0402A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0402A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0402A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0402A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0402A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0402A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA0402A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA040-060-40-40 TRANSCOM-TA040-060-40-40 Datasheet
17Kb / 1P
   4 - 6 GHz 10W Amplifier
logo
TAI-SAW TECHNOLOGY CO.,...
TA0401A TAI-SAW-TA0401A Datasheet
601Kb / 7P
   SAW Filter 1950MHz SMD 2.5X2.0 mm
logo
Golledge Electronics Lt...
TA0401A GOLLEDGE-TA0401A Datasheet
315Kb / 5P
   SAW Filter 1950.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
   SAW Filter 1950 MHz for Mobile Communication
TA0401C TAI-SAW-TA0401C Datasheet
708Kb / 8P
   SAW Filter 1950 MHz for LTE
More results


Similar Description - TA0402A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0384A TAI-SAW-TA0384A Datasheet
364Kb / 7P
   SAW Filter 2140MHz SMD 2.5횞2.0 mm
TA0788A TAI-SAW-TA0788A Datasheet
572Kb / 8P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0426A TAI-SAW-TA0426A Datasheet
507Kb / 7P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0680A TAI-SAW-TA0680A Datasheet
329Kb / 7P
   SAW Filter 867.5MHz SMD 2.5X2.0 mm
TA0656A TAI-SAW-TA0656A Datasheet
327Kb / 7P
   SAW Filter 1747.5MHz SMD 2.5X2.0 mm
TA0207A TAI-SAW-TA0207A Datasheet
537Kb / 6P
   SAW Filter 1960MHz SMD 2.5X2.0 mm
TA0401A TAI-SAW-TA0401A Datasheet
601Kb / 7P
   SAW Filter 1950MHz SMD 2.5X2.0 mm
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA1699A TAI-SAW-TA1699A Datasheet
254Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.1X0.9 mm
TA0425A TAI-SAW-TA0425A Datasheet
348Kb / 8P
   SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com