Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0701A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0701A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA0701A
Download  TA0701A Download

File Size   219.54 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 414MHz F-11

TA0701A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0701A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0701A
Download  TA0701A Click to download

File Size   219.54 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 414MHz F-11

TA0701A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0701A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0701A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0701A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0701A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA0701A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA07010BD1 TRANSKO-TA07010BD1 Datasheet
518Kb / 4P
   70.0 MHz IF SAW Filter / 10.40 MHz Bandwidth
Revision 0: 24 Nov. 2008
TA07014AD1 TRANSKO-TA07014AD1 Datasheet
623Kb / 4P
   70.0 MHz IF SAW Filter / 14.0 MHz Bandwidth
Revision 0: 27 Dec. 2007
TA07014AV TRANSKO-TA07014AV Datasheet
583Kb / 4P
    70.0 MHz IF SAW Filter / 14.37 MHz Bandwidth
Revision 0: 22 May 2008
TA07014DV TRANSKO-TA07014DV Datasheet
485Kb / 4P
   70.0 MHz IF SAW Filter / 14.90 MHz Bandwidth
Revision 0: 09. JAN. 2009
TA07015AD1 TRANSKO-TA07015AD1 Datasheet
516Kb / 4P
   70.0 MHz IF SAW Filter / 15.35 MHz Bandwidth
Revision 0: 24 Nov. 2008
More results


Similar Description - TA0701A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0826A TAI-SAW-TA0826A Datasheet
270Kb / 4P
   SAW Filter 504MHz F-11
TB0550A TAI-SAW-TB0550A Datasheet
285Kb / 4P
   SAW Filter 173.075 MHz F-11
TB0548A TAI-SAW-TB0548A Datasheet
284Kb / 4P
   SAW Filter 165.45 MHz F-11
TB0549A TAI-SAW-TB0549A Datasheet
281Kb / 4P
   SAW Filter 169.2 MHz F-11
TB0547A TAI-SAW-TB0547A Datasheet
284Kb / 4P
   SAW Filter 164.175 MHz F-11
logo
API Technologies Corp
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0434BA02507S SPECTRUM-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02588S SPECTRUM-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
logo
Oscilent Corporation
803-RF491.2M-A OSCILENT-803-RF491.2M-A Datasheet
528Kb / 3P
   CDMA450(F-Band), RF-Rx SAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com