Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0260A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0260A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0260A
Download  TC0260A Download

File Size   345.0 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 314.525 MHz SMD5.0X5.0 mm

TC0260A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0260A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0260A
Download  TC0260A Click to download

File Size   345.0 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 314.525 MHz SMD5.0X5.0 mm

TC0260A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TC0260A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0260A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0260A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0260A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0260A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TC0260A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0261A TAI-SAW-TC0261A Datasheet
383Kb / 5P
   SAW Resonator 433.32 MHz SMD 5.0X5.0 mm
TC0263A TAI-SAW-TC0263A Datasheet
383Kb / 5P
   SAW Resonator 434.52 MHz SMD 5.0X5.0 mm
TC0264A TAI-SAW-TC0264A Datasheet
278Kb / 5P
   SAW Resonator 644.60859 MHz SMD 3.8X3.8 mm
TC0265A TAI-SAW-TC0265A Datasheet
358Kb / 5P
   SAW Resonator 657.4876 MHz SMD 3.8X3.8 mm
TC0266A TAI-SAW-TC0266A Datasheet
278Kb / 5P
   SAW Resonator 690.65026 MHz SMD 3.8X3.8 mm
More results


Similar Description - TC0260A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0279A TAI-SAW-TC0279A Datasheet
245Kb / 5P
   SAW Resonator 433.9 MHz SMD5.0X5.0 mm
TC0283A TAI-SAW-TC0283A Datasheet
237Kb / 5P
   SAW Resonator 462.5375 MHz SMD3.8X3.8 mm
TC0280A TAI-SAW-TC0280A Datasheet
332Kb / 5P
   SAW Resonator 455 MHz SMD3.8X3.8 mm
TC0287A TAI-SAW-TC0287A Datasheet
311Kb / 5P
   SAW Resonator 302 MHz SMD3.8X3.8 mm
TC0282A TAI-SAW-TC0282A Datasheet
330Kb / 5P
   SAW Resonator 460 MHz SMD3.8X3.8 mm
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
   SAW Resonator 390 MHz SMD5X5 mm
TC0281A TAI-SAW-TC0281A Datasheet
237Kb / 5P
   SAW Resonator 456 MHz SMD3.8X3.8 mm
TC0272A TAI-SAW-TC0272A Datasheet
286Kb / 4P
   SAW Resonator 403.55 MHz SMD3X3 mm
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com