Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0416A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0416A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0416A
Download  TC0416A Download

File Size   269.6 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 480.225 MHz SMD 3X3 mm

TC0416A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0416A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0416A
Download  TC0416A Click to download

File Size   269.6 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 480.225 MHz SMD 3X3 mm

TC0416A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TC0416A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0416A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0416A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0416A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0416A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0416A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TC0416A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0412A TAI-SAW-TC0412A Datasheet
403Kb / 6P
   SAW Resonator 672.531 MHz SMD 3.0X3.0 mm
TC0413A TAI-SAW-TC0413A Datasheet
268Kb / 6P
   SAW Resonator 669.694 MHz SMD 3X3 mm
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
   SAW Resonator 316 MHz TO-39
More results


Similar Description - TC0416A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
TC0355A TAI-SAW-TC0355A Datasheet
279Kb / 6P
   SAW Resonator 644.873 MHz SMD 3X3 mm
TC0378A TAI-SAW-TC0378A Datasheet
277Kb / 6P
   SAW Resonator 500 MHz SMD 3X3 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
   SAW Resonator 315 MHz SMD 3X3 mm
TC0334A TAI-SAW-TC0334A Datasheet
278Kb / 6P
   SAW Resonator 671.086 MHz SMD 3X3 mm
TC0379A TAI-SAW-TC0379A Datasheet
278Kb / 6P
   SAW Resonator 719.75 MHz SMD 3X3 mm
TC0513A TAI-SAW-TC0513A Datasheet
387Kb / 6P
   SAW Resonator 491.835 MHz SMD 3X3 mm
TC0517A TAI-SAW-TC0517A Datasheet
370Kb / 6P
   SAW Resonator 832.458 MHz SMD 3X3 mm
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0356A TAI-SAW-TC0356A Datasheet
278Kb / 6P
   SAW Resonator 671.194 MHz SMD 3X3 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com