Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1006 Datasheet (PDF) - Won-Top Electronics

UF1006 Datasheet PDF - Won-Top Electronics
Part # UF1006
Download  UF1006 Download

File Size   44.4 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A ULTRAFAST GLASS PASSIVATED RECTIFIER

UF1006 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1006 Datasheet PDF - Won-Top Electronics

Part # UF1006
Download  UF1006 Click to download

File Size   44.4 Kbytes
Page   3 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A ULTRAFAST GLASS PASSIVATED RECTIFIER

UF1006 Datasheet (HTML) - Won-Top Electronics

UF1006 Datasheet HTML 1Page - Won-Top Electronics UF1006 Datasheet HTML 2Page - Won-Top Electronics UF1006 Datasheet HTML 3Page - Won-Top Electronics

UF1006 Product details

Features

• Glass Passivated Die Construction

• Ultra-Fast Switching

• High Current Capability

• Low Reverse Leakage Current

• High Surge Current Capability

• Plastic Material has UL Flammability Classification 94V-O




Similar Part No. - UF1006

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1006 PANJIT-UF1006 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Shenzhen Taychipst Elec...
UF1006 TAYCHIPST-UF1006 Datasheet
2Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF1006 DIODES-UF1006 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
logo
Yea Shin Technology Co....
UF1006 YEASHIN-UF1006 Datasheet
75Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Fuji Electric
UF1006 FUJI-UF1006 Datasheet
759Kb / 1P
   1 AMP ULTRA FAST SWITCHING RECTIFIER
More results


Similar Description - UF1006

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1000CT WTE-UF1000CT Datasheet
48Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000F WTE-UF1000F_06 Datasheet
49Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000F WTE-UF1000F Datasheet
44Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com