Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA11CA Datasheet (PDF) - Won-Top Electronics

SA11CA Datasheet PDF - Won-Top Electronics
Part # SA11CA
Download  SA11CA Download

File Size   68.13 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500W TRANSIENT VOLTAGE SUPPRESSORS

SA11CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SA11CA Datasheet PDF - Won-Top Electronics

Part # SA11CA
Download  SA11CA Click to download

File Size   68.13 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500W TRANSIENT VOLTAGE SUPPRESSORS

SA11CA Datasheet (HTML) - Won-Top Electronics

SA11CA Datasheet HTML 1Page - Won-Top Electronics SA11CA Datasheet HTML 2Page - Won-Top Electronics SA11CA Datasheet HTML 3Page - Won-Top Electronics SA11CA Datasheet HTML 4Page - Won-Top Electronics SA11CA Datasheet HTML 5Page - Won-Top Electronics



Similar Part No. - SA11CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA11CA PANJIT-SA11CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
MERITEK ELECTRONICS COR...
SA11CA MERITEK-SA11CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SA11CA YANGJIE-SA11CA Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Fairchild Semiconductor
SA11CA FAIRCHILD-SA11CA Datasheet
56Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Ruilongyuan Electronics...
SA11CA RUILON-SA11CA Datasheet
848Kb / 7P
   Transient Voltage Suppressors
More results


Similar Description - SA11CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
   LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6102 SEMTECH-1N6102 Datasheet
111Kb / 3P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1N6102 NJSEMI-1N6102 Datasheet
151Kb / 1P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
UN Semiconducctor INC
SACA UNSEMI-SACA Datasheet
2Mb / 4P
   5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com