Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-4.5W-K Datasheet (PDF) - Fujitsu Component Limited.

A-4.5W-K Datasheet PDF - Fujitsu Component Limited.
Part # A-4.5W-K
Download  A-4.5W-K Download

File Size   690.14 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)

A-4.5W-K Datasheet (PDF)

Go To PDF Page Download Datasheet
A-4.5W-K Datasheet PDF - Fujitsu Component Limited.

Part # A-4.5W-K
Download  A-4.5W-K Click to download

File Size   690.14 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)

A-4.5W-K Datasheet (HTML) - Fujitsu Component Limited.

A-4.5W-K Datasheet HTML 1Page - Fujitsu Component Limited. A-4.5W-K Datasheet HTML 2Page - Fujitsu Component Limited. A-4.5W-K Datasheet HTML 3Page - Fujitsu Component Limited. A-4.5W-K Datasheet HTML 4Page - Fujitsu Component Limited. A-4.5W-K Datasheet HTML 5Page - Fujitsu Component Limited. A-4.5W-K Datasheet HTML 6Page - Fujitsu Component Limited. A-4.5W-K Datasheet HTML 7Page - Fujitsu Component Limited. A-4.5W-K Datasheet HTML 8Page - Fujitsu Component Limited.

A-4.5W-K Product details

FEATURES
● Extremely low profile and light weight
  —Height: 5 mm
  —Weight: approximately 1.2 g
● Meet FCC (Part 68) standard
● Conforms to FCC rules and regulations part 68
  —Surge strength 1,500 V
● High reliability—bifurcated contacts
● Wide operating range
● DIL pitch terminals
● Plastic sealed type
● Latching version available
● RoHS compliant since date code: 0437B8
   Please see page 7 for more information




Similar Part No. - A-4.5W-K

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-4.5W-K LITEON-A-4.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Similar Description - A-4.5W-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RA4L-D12W-K FUJITSU-RA4L-D12W-K Datasheet
417Kb / 8P
   MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NA-5W-K FUJITSU-NA-5W-K Datasheet
1Mb / 9P
   MINIATURE RELAY 2 POLES - 1 to 2 A (For Signal Switching) NA Series
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com