Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR51 Datasheet (PDF) - Fujitsu Component Limited.

FBR51 Datasheet PDF - Fujitsu Component Limited.
Part # FBR51
Download  FBR51 Download

File Size   622.39 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)

FBR51 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBR51 Datasheet PDF - Fujitsu Component Limited.

Part # FBR51
Download  FBR51 Click to download

File Size   622.39 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)

FBR51 Datasheet (HTML) - Fujitsu Component Limited.

FBR51 Datasheet HTML 1Page - Fujitsu Component Limited. FBR51 Datasheet HTML 2Page - Fujitsu Component Limited. FBR51 Datasheet HTML 3Page - Fujitsu Component Limited. FBR51 Datasheet HTML 4Page - Fujitsu Component Limited. FBR51 Datasheet HTML 5Page - Fujitsu Component Limited. FBR51 Datasheet HTML 6Page - Fujitsu Component Limited. FBR51 Datasheet HTML 7Page - Fujitsu Component Limited. FBR51 Datasheet HTML 8Page - Fujitsu Component Limited.

FBR51 Product details

COMPACT POWER RELAY 1 POLE—30 A (FOR AUTOMOTIVE APPLICATIONS)



FEATURES

l Compact and lightweight structure (42% of the volume of the FBR160 relay)

l High current contact capacity (carrying current: 35 A/10 minutes, 25 A/1 hour)

l High resistance to vibration and shock

l Improved heat resistance and extended operation range

l Two contact gap options (FBR51: 0.3 mm, FBR52: 0.6 mm)

l Three types of contact material




Similar Part No. - FBR51

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR512 FUJITSU-FBR512 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
FBR512 FUJITSU-FBR512 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FBR512ND06-W1 FUJITSU-FBR512ND06-W1 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
More results


Similar Description - FBR51

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
   HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com