Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-JR Datasheet (PDF) - Fujitsu Component Limited.

FTR-JR Datasheet PDF - Fujitsu Component Limited.
Part # FTR-JR
Download  FTR-JR Download

File Size   524.24 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE 16 A-SLIM POWER RELAY

FTR-JR Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-JR Datasheet PDF - Fujitsu Component Limited.

Part # FTR-JR
Download  FTR-JR Click to download

File Size   524.24 Kbytes
Page   7 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE 16 A-SLIM POWER RELAY

FTR-JR Datasheet (HTML) - Fujitsu Component Limited.

FTR-JR Datasheet HTML 1Page - Fujitsu Component Limited. FTR-JR Datasheet HTML 2Page - Fujitsu Component Limited. FTR-JR Datasheet HTML 3Page - Fujitsu Component Limited. FTR-JR Datasheet HTML 4Page - Fujitsu Component Limited. FTR-JR Datasheet HTML 5Page - Fujitsu Component Limited. FTR-JR Datasheet HTML 6Page - Fujitsu Component Limited. FTR-JR Datasheet HTML 7Page - Fujitsu Component Limited.



Similar Part No. - FTR-JR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2 FUJITSU-FTR-J2 Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK005W FUJITSU-FTR-J2AK005W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2AK005W FUJITSU-FTR-J2AK005W Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2AK006W FUJITSU-FTR-J2AK006W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
More results


Similar Description - FTR-JR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
   1 Form A Slim Power Relay
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com