Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G00 Datasheet (PDF) - NXP Semiconductors

74AHC1G00 Datasheet PDF - NXP Semiconductors
Part # 74AHC1G00
Download  74AHC1G00 Download

File Size   77.5 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-input NAND gate

74AHC1G00 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G00 Datasheet PDF - NXP Semiconductors

Part # 74AHC1G00
Download  74AHC1G00 Click to download

File Size   77.5 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-input NAND gate

74AHC1G00 Datasheet (HTML) - NXP Semiconductors

Back Button 74AHC1G00 Datasheet HTML 1Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G00 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74AHC1G00 Product details

General description
74AHC1G00 and 74AHCT1G00 are high-speed Si-gate CMOS devices. They provide a 2-input NAND function.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
   
Features and benefits
■ Symmetrical output impedance
■ High noise immunity
■ Low power dissipation
■ Balanced propagation delays
■ SOT353-1 and SOT753 package options
■ ESD protection:
    ◆ HBM JESD22-A114E: exceeds 2000 V
    ◆ MM JESD22-A115-A: exceeds 200 V
    ◆ CDM JESD22-C101C: exceeds 1000 V
■ Specified from -40°C to +125°C
   




Similar Part No. - 74AHC1G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
80Kb / 12P
   2-input NAND gate
2002 May 27
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Diodes Incorporated
74AHC1G00 DIODES-74AHC1G00 Datasheet
180Kb / 8P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Nexperia B.V. All right...
74AHC1G00 NEXPERIA-74AHC1G00 Datasheet
212Kb / 11P
   2-input NAND gate
Rev. 9 - 10 January 2022
74AHC1G00-Q100 NEXPERIA-74AHC1G00-Q100 Datasheet
709Kb / 12P
   2-input NAND gate
More results


Similar Description - 74AHC1G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com